Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63830P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M63830P
Description  4-UNIT 1.5A DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63830P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M63830P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63830P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63830P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63830P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sep. 2001
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63830P/FP
4-UNIT 1.5A DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –40 ~ +85
°C)
V
V
Parameter
2.7
0
Limits
min
typ
max
Symbol
Unit
VCC
VO
Supply voltage
Output voltage
“H” input voltage
“L” input voltage
Collector current (Current per
1 circuit when 4 circuits are
coming on simultaneously)
IC
0
0
VCC-0.5
0
3.0
3.6
50
1.25
0.7
VCC
VCC-2.2
A
V
V
VIH
VIL
VCC = 3V, Duty Cycle
P
: no more than 5%
FP : no more than 2%
VCC = 3V, Duty Cycle
P
: no more than 15%
FP : no more than 7%
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
INPUT
50%
50%
50%
50%
OUTPUT
ton
toff
PG
INPUT
VCC
OUTPUT
VO
RL
OPEN
CL
50
(1)Pulse generator (PG) characteristics : PRR=1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, Zo = 50Ω
VI = 0.5 ~ 2.7V
(2)Input-output conditions : RL = 8.3
Ω, Vo = 10V, Vcc = 2.7V
(3)Electrostatic capacity CL includes floating capacitance
at connections and input capacitance at probes
Measured
device
ns
ns
190
5300
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
Turn-on time
Turn-off time
ton
toff
CL = 15pF (note 1)
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
3.7
1.4
1.0
–0.22
–0.60
1.5
30000
50
4000
V (BR) CEO
ICC
II
IR
VF
hFE
V
mA
V
mA
µA
V
5.0
2.2
1.7
–0.6
–0.95
100
2.3
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
Collector-emitter breakdown voltage
Supply current (AN only Input)
Input current
Clamping diode reverse current
Clamping diode forward volltage
DC amplification factor
ICEO = 100
µA
VCC = 3.6V, VI = 0.5V
VCC = 2.7V, VI = 0.5V, IC = 1.25A
VCC = 2.7V, VI = 0.5V, IC = 0.7A
VI = VCC-2.2V
VI = VCC-3.6V
VR = 50V
IF = 1.25A, VCC open
VCC = 2.7V, VCE = 2V, IC = 1A, Ta = 25
°C
VCE(sat)
Collector-emitter saturation voltage
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = –40 ~ +85
°C)
✽ : Typical values are at Ta = 25°C


Similar Part No. - M63830P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63832GP MITSUBISHI-M63832GP Datasheet
62Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY
M63832KP MITSUBISHI-M63832KP Datasheet
62Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY
M63834FP MITSUBISHI-M63834FP Datasheet
69Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY
M63834KP MITSUBISHI-M63834KP Datasheet
69Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY
M63836FP MITSUBISHI-M63836FP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results

Similar Description - M63830P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54532P MITSUBISHI-M54532P Datasheet
76Kb / 4P
   4-UNIT 1.5A DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54567P MITSUBISHI-M54567P Datasheet
81Kb / 4P
   4-UNIT 1.5A DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63850P MITSUBISHI-M63850P Datasheet
52Kb / 5P
   4-UNIT 1.5A DMOS ARRAY WITH CLAMP DIODE
M54527P MITSUBISHI-M54527P Datasheet
72Kb / 4P
   6-UNIT 150mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522P MITSUBISHI-M54522P Datasheet
112Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P_99 Datasheet
73Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
   8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com