Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0109 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # Z0109
Description  Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0109 Datasheet(HTML) 2 Page - NXP Semiconductors

  Z0109 Datasheet HTML 1Page - NXP Semiconductors Z0109 Datasheet HTML 2Page - NXP Semiconductors Z0109 Datasheet HTML 3Page - NXP Semiconductors Z0109 Datasheet HTML 4Page - NXP Semiconductors Z0109 Datasheet HTML 5Page - NXP Semiconductors Z0109 Datasheet HTML 6Page - NXP Semiconductors Z0109 Datasheet HTML 7Page - NXP Semiconductors Z0109 Datasheet HTML 8Page - NXP Semiconductors Z0109 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Z0103/07/09 series
Triacs
Product data
Rev. 02 — 12 September 2002
2 of 12
9397 750 10102
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
3.
Ordering information
3.1 Ordering options
4.
Limiting values
Table 2:
Ordering information
Part Number
Voltage (VDRM)
Gate Sensitivity (IGT)
Package
Z0103MA
600 V
3 mA
SOT54B (TO-92)
Z0103NA
800 V
3 mA
SOT54B (TO-92)
Z0107MA
600 V
5 mA
SOT54B (TO-92)
Z0107NA
800 V
5 mA
SOT54B (TO-92)
Z0109MA
600 V
10 mA
SOT54B (TO-92)
Z0109NA
800 V
10 mA
SOT54B (TO-92)
Z0103MN
600 V
3 mA
SOT223
Z0103NN
800 V
3 mA
SOT223
Z0107MN
600 V
5 mA
SOT223
Z0107NN
800 V
5 mA
SOT223
Z0109MN
600 V
10 mA
SOT223
Z0109NN
800 V
10 mA
SOT223
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
25
°C ≤ Tj ≤ 125 °C
Z0103/07/09MA; Z0103/07/09MN
-
600
V
Z0103/07/09NA; Z0103/07/09NN
-
800
V
VRRM
repetitive peak reverse voltage
25
°C ≤ Tj ≤ 125 °C
Z0103/07/09MA; Z0103/07/09MN
-
600
V
Z0103/07/09NA; Z0103/07/09NN
-
800
V
ITSM
non-repetitive peak on-state current
full sine wave; Tj = 25 °C prior to surge;
Figure 2 and Figure 3
t=20ms
-
8
A
t = 16.7 ms
-
8.5
A
IT(RMS)
RMS on-state current
all conduction angles; Figure 4
SOT223
Tsp =90 °C-
1
A
SOT54B (TO-92)
Tlead =50 °C-
1
A
I2tI2t for fusing
t
= 10 ms
-
0.35
A2s
dIT/dt
rate of rise of on-state current
ITM = 1.0 A; IG =2xIGT; dIG/dt = 100 mA/µs
-
20
A/
µs
IGM
peak gate current
tp =20 µs
-
1.0
A
PGM
peak gate power
-
2.0
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
−40
+125
°C


Similar Part No. - Z0109

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0109M1 STMICROELECTRONICS-Z0109M1 Datasheet
395Kb / 13P
   1 A, 10 mA, 4-triggering quadrant Triac in SO-8
Rev 1 - November 2019
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
74Kb / 8P
   1A TRIACS
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0109MA NXP-Z0109MA Datasheet
184Kb / 12P
   Logic level four-quadrant triac
Rev. 03-4 August 2009
logo
ON Semiconductor
Z0109MA ONSEMI-Z0109MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results

Similar Description - Z0109

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com