Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63834FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M63834FP
Description  8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63834FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M63834FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63834FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63834FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63834FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sep. 2001
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63834FP/KP
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY
DC Amplification Factor
Collector Current Characteristics
Collector current IC (mA)
102
103
3
2
5
7
104
3
2
5
7
105
3
2
5
7
102
3
25 7
103
3
25 7
101
VCE=2V
Ta=85
°C
Ta=25
°C
Ta=–40
°C
0
0.4
0.8
1.2
2.0
1.6
Input voltage Vcc-VI (V)
Output Current Characteristics
0
200
100
300
400
500
VCE=2V
Ta=85
°C
Ta=25
°C
Ta=–40
°C
VCC=3V
Ta=85
°C
Ta=25
°C
Ta=–40
°C
Input Characteristics
0123
Input voltage Vcc-VI (V)
0
–0.3
–0.2
–0.1
–0.4
–0.5
–0.6
Driver Supply Characteristics
02468
10
Supply voltage Vcc (V)
0
8.0
4.0
12.0
16.0
20.0
Ta=25
°C
Ta=85
°C
Ta=–40
°C
VI=0.5V


Similar Part No. - M63834FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63830FP MITSUBISHI-M63830FP Datasheet
67Kb / 4P
   4-UNIT 1.5A DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63830P MITSUBISHI-M63830P Datasheet
67Kb / 4P
   4-UNIT 1.5A DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63832GP MITSUBISHI-M63832GP Datasheet
62Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY
M63832KP MITSUBISHI-M63832KP Datasheet
62Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY
M63836FP MITSUBISHI-M63836FP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results

Similar Description - M63834FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54564P MITSUBISHI-M54564P Datasheet
77Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54516P MITSUBISHI-M54516P Datasheet
101Kb / 3P
   5-UNIT 500MA DARLINGTON TRANSISTOR ARRAY
M63832GP MITSUBISHI-M63832GP Datasheet
62Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY
M54521P MITSUBISHI-M54521P Datasheet
98Kb / 3P
   5-UNIT 500MA DARLINGTON TRANSISTOR ARRAY
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
   8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585KP MITSUBISHI-M54585KP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54587P MITSUBISHI-M54587P Datasheet
44Kb / 5P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585P MITSUBISHI-M54585P Datasheet
73Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com