Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63836FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M63836FP
Description  8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63836FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M63836FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63836FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63836FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63836FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sep. 2001
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
PIN CONFIGURATION
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63836FP/KP
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
DESCRIPTION
The M63836FP/KP 8-channel sinkdriver, consists of 8 PNP
and 16 NPN transistors connected to from eight high current
gain driver pairs.
FEATURES
G High breakdown voltage (BVCEO
≥ 50V)
G High-current driving (IC(max) = 500mA)
G 3V micro computer compatible input
G “L” active level input
G With input diode
G With clamping diodes
G Wide operating temperature range (Ta = –40 to +85
°C)
APPLICATION
Output for 3 voltage microcomputer series and interface with
high voltage system. Relay and small printer driver, LED, or
incandescent display digit driver.
FUNCTION
The M63836FP/KP is transistor-array of high active level
eight units type which can do direct drive of 3 voltage micro-
computer series. A resistor of 3.5k
Ω is connected between
the input and the base of PNP transistors. A clamp diode for
inductive load transient suppression is connected for the
output pin (collector) and COM pin. The input diode is in-
tended to prevent the flow of current from the input to the
Vcc. without this diode, the current flows from “H” input to the
Vcc and the “L” input circuit is activated, in such a case
where one of the inputs of the 8 circuit is “H” and the other
are “L” to save power consumption. The diode is inserted to
prevent such mis-operation. The outputs are capable of driv-
ing 500mA and are rated for operation with output voltage up
to 50V.
CIRCUIT DIAGRAM
INPUT
3.5K
7.2K
3K
1.05K
20K
VCC
COM
GND
OUTPUT
Unit :
The eight circuits share the Vcc, COM and GND
The diode, indicated with the dotted line, is parasitic, and
cannot be used.
Supply voltage
Collector-emitter voltage
Collector current
Input voltage
Clamping diode forward current
Clamping diode reverse voltage
Power dissipation
Operating temperature
Storage temperature
V
V
mA
V
mA
V
W
°C
°C
7
–0.5 ~ +50
500
–0.5 ~ VCC
500
50
1.10(FP)/0.68(KP)
–40 ~ +85
–55 ~ +125
Ratings
Symbol
Parameter
Conditions
Unit
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –40 ~ +85
°C)
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted on board
VCC
VCEO
IC
VI
IF
VR
Pd
Topr
Tstg
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
IN1
GND
COM COMMON
VCC
INPUT
OUTPUT
O1
O2
O3
O4
O5
O6
O7
O8
IN2
IN3
IN4
IN5
IN6
IN7
IN8
NC : No connection
Package type
20P2N-A(FP)
20P2E-A(KP)


Similar Part No. - M63836FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63836FP MITSUBISHI-M63836FP_06 Datasheet
75Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results

Similar Description - M63836FP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
   8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585KP MITSUBISHI-M54585KP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54587P MITSUBISHI-M54587P Datasheet
44Kb / 5P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585P MITSUBISHI-M54585P Datasheet
73Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP_06 Datasheet
75Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63840FP MITSUBISHI-M63840FP Datasheet
281Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54562P MITSUBISHI-M54562P_12 Datasheet
89Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com