Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63850P Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M63850P
Description  4-UNIT 1.5A DMOS ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63850P Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M63850P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63850P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63850P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63850P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63850P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Apr. 2005
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63850P/FP
4-UNIT 1.5A DMOS ARRAY WITH CLAMP DIODE
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
param
etric lim
its are
subject
to change.
0
0.8
0.4
1.2
1.6
0
0.4
0.8
1.2
1.6
Clamping Diode Characteristics
Clamping diode forward voltage VF (V)
0
0
0.05
0.10
0.15
0.20
Output on voltage VON (V)
80
40
120
160
200
101
104
5
3
2
7
5
3
2
7
102
103
101
23
5 7
23 5 7
103
23 5 7
102
Switching Characteristics
Drain current IDS (mA)
0.8
0.4
1.2
1.6
0
Input voltage VI (V)
80
40
120
160
0
Supply voltage VDD (V)
0
0.8
0.4
1.2
1.6
0
0.4
0.8
1.2
1.6
Output on voltage VON (V)
Ta = –40
°C
Ta = 85
°C
Ta = 25
°C
Ta = 85
°C
Ta = –40
°C
Ta = 25
°C
VDD = 5V
VDS = 2V
VDD = 4.5V
VI = 0.5V
VDD = 4.5V
VI = 0.5V
VI = 0.5V
One circuit only
Ta = 25
°C
Ta = 85
°C
Ta = –40
°C
Ta = 25
°C
Ta = 85
°C
Ta = –40
°C
Ta = 25
°C
toff
ton
Ta = 85
°C
Ta = –40
°C
Ta = 25
°C
012345
012345
Supply Voltage - On Supply Current
Characteristics
Output On Voltage - Drain Current
Characteristics
Input Voltage - Drain Current
Characteristics
Output On Voltage - Drain Current
Characteristics


Similar Part No. - M63850P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63802FP MITSUBISHI-M63802FP Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802GP MITSUBISHI-M63802GP Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802KP MITSUBISHI-M63802KP Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802P MITSUBISHI-M63802P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
More results

Similar Description - M63850P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54532P MITSUBISHI-M54532P Datasheet
76Kb / 4P
   4-UNIT 1.5A DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54567P MITSUBISHI-M54567P Datasheet
81Kb / 4P
   4-UNIT 1.5A DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63830P MITSUBISHI-M63830P Datasheet
67Kb / 4P
   4-UNIT 1.5A DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M54539P MITSUBISHI-M54539P Datasheet
75Kb / 4P
   6-UNIT 700mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63816P MITSUBISHI-M63816P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63817P MITSUBISHI-M63817P Datasheet
77Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63815P MITSUBISHI-M63815P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63814P MITSUBISHI-M63814P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813P MITSUBISHI-M63813P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com