Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1515ETG Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1515ETG
Description  Low-Voltage, Internal Switch, Step-Down/DDR Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1515ETG Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1515ETG Datasheet HTML 1Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 2Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 3Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 4Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 5Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 6Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 7Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 8Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Low-Voltage, Internal Switch,
Step-Down/DDR Regulator
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = +3.3V, VCC = VDD = SHDN = MODE = +3.3V, VREFIN = VREF, SKIP = GND, TA = 0°C to +85°C, unless oth-
erwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Sink-Mode Detect Threshold
VFB -
VREFIN
MODE = VCC, VREFIN = +0.5V to +1.5V
+18
+32
mV
Source-Mode Detect Threshold
VFB -
VREFIN
MODE = VCC, VREFIN = +0.5V to +1.5V
-32
-18
mV
MOSFET On-Resistance
RNMOS
VCC = VDD = VIN = +3.3V, ILOAD = 0.5A
0.04
0.10
Ω
Switching Frequency
fSW
(Note 2)
1
MHz
Maximum Output Current
IOUT(RMS)
(Note 3)
3.3
A
ILIMIT_P
VIN = +3.3V, MODE = GND or VCC,
positive or sourcing mode
3.60
4.2
4.85
Current-Limit Threshold
ILIMIT_N
MODE = VCC, negative or sinking mode
-3.0
A
Pulse-Skipping Current Threshold
ISKIP_P
VIN = +3.3V, MODE = GND or VCC, positive
or sourcing mode
0.5
0.8
1.1
A
IZX_P
VIN = +3.3V, MODE = GND or VCC, positive
or sourcing mode
200
Zero Cross Current Threshold
IZX_N
MODE = VCC, negative or sinking mode
-350
mA
FB Input Bias Current
FB = 1.01 x VTARGET (Note 4)
-50
+50
nA
RTOFF = 33.2k
Ω
0.270
0.34
0.405
RTOFF = 110k
Ω
0.85
1.00
1.15
Off-Time
tOFF
VFB > 0.3 x VTARGET
(Note 4)
RTOFF = 499k
Ω
3.8
4.5
5.2
µs
Extended Off-Time
tOFF(EXT)
VFB < 0.3 x VTARGET (Notes 2, 4)
4 x
tOFF
µs
Minimum On-Time
tON(MIN)
(Note 2)
180
ns
Maximum On-Time
tON(MAX)
511
µs
SS Source Current
ISS(SRC)
3.50
5.25
6.75
µA
SS Sink Current
ISS(SNK)
100
µA
MODE = GND,
FBSEL0 = GND,
FBSEL1 = GND,
VFB = 1.01 x
VTARGET
450
800
No-Load Supply Current
ICC + IDD
+ IIN
VIN = 3.3V
(not switching) (Note 4)
MODE = VCC,
VFB = VTARGET
700
1200
µA
ICC + IDD
+ IIN
SHDN = MODE = GND, LX = 0V or 3.3V
0.2
20
IIN
SHDN = MODE = GND, LX = 0V
0.2
20
Shutdown Supply Currents
ILX
SHDN = MODE = GND, LX = 3.3V
0.1
20
µA


Similar Part No. - MAX1515ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15157B MAXIM-MAX15157B Datasheet
1Mb / 16P
   8V to 60V, 10A DC power supply V1 (for VIN)
Rev 2; 11/19
MAX15157BEVKIT MAXIM-MAX15157BEVKIT Datasheet
1Mb / 16P
   8V to 60V, 10A DC power supply V1 (for VIN)
Rev 2; 11/19
MAX15157BEVKIT# MAXIM-MAX15157BEVKIT# Datasheet
1Mb / 16P
   8V to 60V, 10A DC power supply V1 (for VIN)
Rev 2; 11/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
MAX15158A MAXIM-MAX15158A Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
More results

Similar Description - MAX1515ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
   Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
MAX8723 MAXIM-MAX8723 Datasheet
41Kb / 1P
   Low-Cost, Internal-Switch, Step-Down Regulator for LCD Displays
Rev 0; 3/06
MAX1536 MAXIM-MAX1536 Datasheet
369Kb / 19P
   3.6A, 1.4MHz, Low-Voltage, Internal-Switch Step-Down Regulator with Dynamic Output Voltage Control
Rev 1; 8/05
MAX8566 MAXIM-MAX8566 Datasheet
285Kb / 21P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 0; 6/05
MAX8566 MAXIM-MAX8566_09 Datasheet
288Kb / 20P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 1; 2/09
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX15035 MAXIM-MAX15035 Datasheet
575Kb / 27P
   15A Step-Down Regulator with Internal Switches
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com