Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11D3 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC68HC11D3
Description  8-channel, 8-bit analog-to-digital (A/D) converter
Download  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC11D3 Datasheet(HTML) 4 Page - Motorola, Inc

  MC68HC11D3 Datasheet HTML 1Page - Motorola, Inc MC68HC11D3 Datasheet HTML 2Page - Motorola, Inc MC68HC11D3 Datasheet HTML 3Page - Motorola, Inc MC68HC11D3 Datasheet HTML 4Page - Motorola, Inc MC68HC11D3 Datasheet HTML 5Page - Motorola, Inc MC68HC11D3 Datasheet HTML 6Page - Motorola, Inc MC68HC11D3 Datasheet HTML 7Page - Motorola, Inc MC68HC11D3 Datasheet HTML 8Page - Motorola, Inc MC68HC11D3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 268 page
background image
Revision History
Data Sheet
M68HC11E Family — Rev. 5
4
Revision History
MOTOROLA
Revision History
Date
Revision
Level
Description
Page
Number(s)
May, 2001
3.1
2.3.3.1 System Configuration Register — Addition to NOCOP bit
description
49
Added 10.21 EPROM Characteristics
191
June, 2001
3.2
10.21 EPROM Characteristics — For clarity, addition to note 2 following the
table
191
December,
2001
3.3
7.7.2 Serial Communications Control Register 1 — SCCR1 bit 4 (M)
description corrected
123
July, 2002
4
10.7 MC68L11E9/E20 DC Electrical Characteristics — Title changed to
include the MC68L11E20
169
10.8 MC68L11E9/E20 Supply Currents and Power Dissipation — Title
changed to include the MC68L11E20
170
10.10 MC68L11E9/E20 Control Timing — Title changed to include the
MC68L11E20
173
10.12 MC68L11E9/E20 Peripheral Port Timing — Title changed to include
the MC68L11E20
179
10.14 MC68L11E9/E20 Analog-to-Digital Converter Characteristics —
Title changed to include the MC68L11E20
183
10.16 MC68L11E9/E20 Expansion Bus Timing Characteristics — Title
changed to include the MC68L11E20
185
10.18 MC68L11E9/E20 Serial Peirpheral Interface Characteristics — Title
changed to include the MC68L11E20
188
— Title changed to include the MC68L11E20
191
11.4 Extended Voltage Device Ordering Information (3.0 Vdc to 5.5 Vdc)
— Updated table to include MC68L1120
197
June, 2003
5
Format updated to current publications standards
Throughout
1.4.6 Non-Maskable Interrupt (XIRQ/VPPE) — Added Caution note
pertaining to EPROM programming of the MC68HC711E9 device only.
26
10.21 EPROM Characteristics — Added note pertaining to EPROM
programming of the MC68HC711E9 device only.
191
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC11D3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11D3 MOTOROLA-MC68HC11D3 Datasheet
2Mb / 150P
   Microcontrollers
logo
Freescale Semiconductor...
MC68HC11D3 FREESCALE-MC68HC11D3 Datasheet
6Mb / 124P
   ROM-based high-performance microcontrollers
MC68HC11D3 FREESCALE-MC68HC11D3 Datasheet
1Mb / 242P
   HC11 Microcontrollers
MC68HC11D3 FREESCALE-MC68HC11D3 Datasheet
1Mb / 138P
   Microcontrollers
MC68HC11D3CFB FREESCALE-MC68HC11D3CFB Datasheet
6Mb / 124P
   ROM-based high-performance microcontrollers
More results

Similar Description - MC68HC11D3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com