Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0103NA Datasheet(PDF) 9 Page - NXP Semiconductors

Part # Z0103NA
Description  Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0103NA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button Z0103NA Datasheet HTML 4Page - NXP Semiconductors Z0103NA Datasheet HTML 5Page - NXP Semiconductors Z0103NA Datasheet HTML 6Page - NXP Semiconductors Z0103NA Datasheet HTML 7Page - NXP Semiconductors Z0103NA Datasheet HTML 8Page - NXP Semiconductors Z0103NA Datasheet HTML 9Page - NXP Semiconductors Z0103NA Datasheet HTML 10Page - NXP Semiconductors Z0103NA Datasheet HTML 11Page - NXP Semiconductors Z0103NA Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Z0103/07/09 series
Triacs
Product data
Rev. 02 — 12 September 2002
9 of 12
9397 750 10102
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Fig 13. SOT223.
UNIT
A1
bp
cD
E
e1
HE
Lp
Qy
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.10
0.01
1.8
1.5
0.80
0.60
b1
3.1
2.9
0.32
0.22
6.7
6.3
3.7
3.3
2.3
e
4.6
7.3
6.7
1.1
0.7
0.95
0.85
0.1
0.1
0.2
DIMENSIONS (mm are the original dimensions)
SOT223
SC-73
97-02-28
99-09-13
w M
bp
D
b1
e1
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
B
c
y
0
2
4 mm
scale
A
X
13
2
4
Plastic surface mounted package; collector pad for good heat transfer; 4 leads
SOT223


Similar Part No. - Z0103NA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0103NA STMICROELECTRONICS-Z0103NA Datasheet
74Kb / 8P
   1A TRIACS
Z0103NA STMICROELECTRONICS-Z0103NA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103NA NXP-Z0103NA Datasheet
184Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
Tiger Electronic Co.,Lt...
Z0103NA TGS-Z0103NA Datasheet
153Kb / 1P
   1A TRIACS
logo
NXP Semiconductors
Z0103NA NXP-Z0103NA Datasheet
682Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
More results

Similar Description - Z0103NA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com