Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2606EUT-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2606EUT-T
Description  45MHz to 650MHz, Integrated IF VCOs with Differential Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2606EUT-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2606EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 9Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 10Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 11Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 12Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
45MHz to 650MHz, Integrated IF
VCOs with Differential Output
_______________________________________________________________________________________
9
MAX2607
REQUIRED INDUCTANCE vs. DESIRED VCO FIXED FREQUENCY
160
150
140
130
120
110
100
90
80
70
60
50
40
160 170 180 190
200
210
220 230 240
250 260 270 280
INDUCTOR VALUE
MOUNTED ON EV KIT
30
150
290 300
170
EFFECTIVE INDUCTANCE
FROM IND TO GND
MEASUREMENT CONDITIONS
VCC = 2.75V, TA = 25°C,
RLOAD = 100Ω||50Ω (100Ω RESISTIVE PULL-UP PARALLELED WITH 50Ω
VNA IMPEDANCE), UNUSED OUTPUT TERMINATED IN 50
Ω,
PCB PARASITIC SHUNT CAPACITANCE (IND TO GND) = 0.45pF
THE INDUCTANCE LISTED IS THE PRECISE NOMINAL INDUCTANCE VALUE
REQUIRED FROM IND TO GND IN ORDER TO GUARANTEE THE VCO
CAN TUNE TO THE DESIRED FIXED FREQUENCY, OVER ALL OPERATING
CONDITIONS AND WORST-CASE COMPONENT
VALUES (
±2% INDUCTOR AND IC PROCESS VARIATION).
DESIRED VCO FIXED FREQUENCY (MHz)
Figure 3. MAX2607 Required Inductance vs. Desired VCO Fixed Frequency


Similar Part No. - MAX2606EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2606EUT-T MAXIM-MAX2606EUT-T Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2606EUT-T MAXIM-MAX2606EUT-T Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
More results

Similar Description - MAX2606EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2607EUT MAXIM-MAX2607EUT Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2609EUT MAXIM-MAX2609EUT Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
Silicon Laboratories
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
logo
Texas Instruments
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
National Semiconductor ...
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com