Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2606EUT-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2606EUT-T
Description  45MHz to 650MHz, Integrated IF VCOs with Differential Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2606EUT-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2606EUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 9Page - Maxim Integrated Products MAX2606EUT-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
45MHz to 650MHz, Integrated IF
VCOs with Differential Output
6
_______________________________________________________________________________________
Detailed Description
The MAX2605–MAX2609 are low-noise VCOs designed
for fixed/single-frequency IF applications. The core
oscillator circuit is based on the well-known Colpitts
topology. The varactor and feedback capacitors are
integrated on-chip so that only an external inductor is
required to establish the frequency of oscillation and
produce a properly operating VCO. The tuning range,
biasing, startup, etc., are all managed within the IC. This
highly integrated design dramatically simplifies the
parts’ application.
The tuning range is wide enough so that, with the use
of ±2% tolerance inductors, no board-level adjustments
to the oscillation frequency are necessary. Once the
correct inductor value is chosen, the VCO is guaran-
teed always to tune to the desired operating frequency.
In addition, with the use of inductors of moderate Q (35
to 40), the VCO achieves excellent phase-noise perfor-
mance.
Applications Information
Desired Oscillation Frequency
The desired VCO operating frequency is set by the
value of the external inductance, LF. Figures 1–5 show
the inductance value LF required to achieve the desired
oscillation frequency. The inductor value can be taken
directly from these figures. Inductance must be select-
ed accurately to ensure proper operation over all con-
ditions.
Inductor Implementation
The inductance value required for the desired operat-
ing frequency may not necessarily coincide with a stan-
dard-value SMT inductor, which typically increases size
in ~1.2x steps. In such cases, the inductance must be
constructed from two inductors, LF1 and LF2, in order to
achieve the desired inductance value. Choose LF1 to
be a standard-value inductor with a value just less than
that required for LF. Choose LF2 to be a standard-value
inductor with a value just less than (LF - LF1). LF1
should adhere to the minimum Q requirements, but LF2
may be implemented as a lower-cost, lower-Q, thin-film
SMT inductor. Its lower Q has only a small impact on
the overall Q of the total inductance because it is <20%
of the total inductance. However, the overall Q of LF1
and LF2 must be greater than the minimum inductor Q
(Table 1).
It is also permissible to use PC board traces to provide
a small amount of inductance, thereby adjusting the
total inductance value. On the MAX2608/MAX2609, the
inductance values for LF2 are sometimes more exactly
implemented as a PC board trace (shorted to GND),
rather than an SMT inductor. When designing LF with
two inductors, use the simple model in Figure 7 to cal-
culate XL and LEQ.
The LF in Figures 1–5 represents an equivalent induc-
tance as seen by pin 1 (IND). The equivalent induc-
tance corresponds to the inductive reactance
connected to IND at the desired oscillation frequency
(fNOMINAL).
LEQ = XL / (2
π fNOMINAL) as seen in Figure 8
Design LEQ = LF at the desired fNOMINAL. The
MAX2605–MAX2609 are designed to tolerate approxi-
mately 0.5pF of external parasitic capacitance at IND.
This parasitic capacitance arises from the pad capaci-
tance at the device pin and pads for the inductor.
Additional shunt capacitance is not recommended
because it degrades the tuning range.
Bypass Capacitor on TUNE
The MAX2605–MAX2609’s oscillator design uses a vari-
ant of the Colpitts topology, where DC bias for the var-
actor is applied via a DC voltage on TUNE and a
ground connection through the external inductor LF.
TUNE must also have a high-frequency AC ground for
Table 1. External Inductor LF Range
Table 2. CBYPASS Values
40
3.9
≤ LF ≤ 15
500 to 650
MAX2609
40
35
35
35
MIN
INDUCTOR
Q
10
≤ LF ≤ 47
300 to 500
MAX2608
39
≤ LF ≤ 180
150
≤ LF ≤ 820
680
≤ LF ≤ 2200
INDUCTANCE
RANGE
(nH)
FREQUENCY
RANGE
(MHz)
45 to 70
70 to 150
150 to 300
MAX2607
MAX2606
MAX2605
PART
≥ 39 pF
MAX2609
≥ 100 pF
MAX2608
≥ 330 pF
≥ 680 pF
≥ 820 pF
CBYPASS
MAX2607
MAX2606
MAX2605
DEVICE


Similar Part No. - MAX2606EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2606EUT-T MAXIM-MAX2606EUT-T Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2606EUT-T MAXIM-MAX2606EUT-T Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
More results

Similar Description - MAX2606EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2607EUT MAXIM-MAX2607EUT Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2609EUT MAXIM-MAX2609EUT Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
Silicon Laboratories
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
logo
Texas Instruments
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
National Semiconductor ...
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com