Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3386 Datasheet(PDF) 10 Page - PMC-Sierra, Inc

Part # PM3386
Description  DUAL GIGABIT ETHERNET CONTROLLER
Download  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3386 Datasheet(HTML) 10 Page - PMC-Sierra, Inc

Back Button PM3386 Datasheet HTML 6Page - PMC-Sierra, Inc PM3386 Datasheet HTML 7Page - PMC-Sierra, Inc PM3386 Datasheet HTML 8Page - PMC-Sierra, Inc PM3386 Datasheet HTML 9Page - PMC-Sierra, Inc PM3386 Datasheet HTML 10Page - PMC-Sierra, Inc PM3386 Datasheet HTML 11Page - PMC-Sierra, Inc PM3386 Datasheet HTML 12Page - PMC-Sierra, Inc PM3386 Datasheet HTML 13Page - PMC-Sierra, Inc PM3386 Datasheet HTML 14Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 315 page
background image
RELEASED
PM3386
DATASHEET
PMC-1991129
ISSUE 7
DUAL GIGABIT ETHERNET CONTROLLER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
3
2
FEATURES
2.1
General
• Two port full-duplex Gigabit Ethernet Controller with an industry standard POS-PHY
Level 3 system interface.
• Provides direct connect to optics via two internal Serializer/Deserializer (SERDES)
• Provides connection to copper Gigabit Ethernet physical layer devices via two GMII
interfaces.
• Incorporates dual SERDES, compatible to IEEE 802.3 1998 PMA physical layer
specification.
• Provides on-chip data recovery and clock synthesis.
• Supports dual IEEE 802.3 -1998 GMII interfaces for connection to copper Gigabit
Ethernet physical layer devices.
• Provides dual standard IEEE 802.3 Gigabit Ethernet MACs for frame verification.
• Enables frame filtering on 8 unicast or 64 multicast entries.
• Internal 16k byte egress and 64k byte ingress FIFOs per channel to accommodate
system latencies.
• Incorporates SATURN POS-PHY Level 3 32-bit System Interface clocked up to
104 MHz (32 bit mode only).
• Line side loopback capability for system level diagnostic capability.
• Includes 16 bit generic microprocessor interface for device initialization, control,
register and per port statistics access.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board test
purposes.
• Low power 1.8V CMOS device with 3.3V TTL compatible digital inputs (5V TTL
compatible microprocessor inputs) and 3.3V CMOS/TTL compatible digital outputs
within a 352 pin 27mm by 27mm UBGA package.
• Industrial temperature range (-40°C to +85°C).
2.2
Line Side Interface
• SERDES interface provides 2 differential pairs at 1250 MHz for connection to
electrical optical modules.
• GMII interface provides 8 bit wide TX & RX data interfaces at 125 MHz with control
signals for connection to copper Gigabit Ethernet physical layer devices.
• Allows selection between SERDES and GMII interface on a per channel basis.


Similar Part No. - PM3386

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
   Dual Gigabit Ethernet Controller
PM3386 PMC-PM3386 Datasheet
59Kb / 2P
   Dual Gigabit Ethernet Controller
PM3386-1 PMC-PM3386-1 Datasheet
59Kb / 2P
   Dual Gigabit Ethernet Controller
More results

Similar Description - PM3386

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
   Dual Gigabit Ethernet Controller
PM3386-1 PMC-PM3386-1 Datasheet
59Kb / 2P
   Dual Gigabit Ethernet Controller
logo
Intel Corporation
82546EB INTEL-82546EB Datasheet
565Kb / 47P
   Dual Port Gigabit Ethernet Controller
FW82546GB INTEL-FW82546GB Datasheet
305Kb / 54P
   82546GB Dual Port Gigabit Ethernet Controller
82545EM INTEL-82545EM Datasheet
774Kb / 28P
   Gigabit Ethernet Controller
June 6, 2006
logo
List of Unclassifed Man...
TC9021 ETC-TC9021 Datasheet
20Kb / 2P
   Gigabit Ethernet Controller
logo
Intel Corporation
82544EI INTEL-82544EI Datasheet
368Kb / 52P
   Gigabit Ethernet Controller
317697-001 INTEL-317697-001 Datasheet
544Kb / 69P
   Gigabit Ethernet Controller
82571EB INTEL-82571EB Datasheet
334Kb / 4P
   Gigabit Ethernet Controller
logo
LSI Computer Systems
8101 LSI-8101 Datasheet
1Mb / 172P
   Gigabit Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com