Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8646 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8646
Description  24 MHz Rail-to-Rail Dual Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8646 Datasheet HTML 4Page - Analog Devices AD8646 Datasheet HTML 5Page - Analog Devices AD8646 Datasheet HTML 6Page - Analog Devices AD8646 Datasheet HTML 7Page - Analog Devices AD8646 Datasheet HTML 8Page - Analog Devices AD8646 Datasheet HTML 9Page - Analog Devices AD8646 Datasheet HTML 10Page - Analog Devices AD8646 Datasheet HTML 11Page - Analog Devices AD8646 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD8646
Rev. 0 | Page 8 of 12
80
–60
–40
0
–20
40
20
60
180
–135
–90
0
–45
90
45
135
1
10
100
1k
10k
100k
FREQUENCY (kHz)
VSY = 2.7V
RL = 1kΩ
CL = 10pF
TA = 25°C
Figure 14. Open-Loop Gain and Phase vs. Frequency
60
–60
–40
0
–20
40
20
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = 2.7V
TA = 25°C
AV = 100
AV = 10
AV = 1
Figure 15. Closed-Loop Gain vs. Frequency
250
0
50
150
100
200
1
10
100
1k
10k
1M
100k
FREQUENCY (kHz)
VSY = 2.7V
TA = 25°C
AV = 1
AV = 10
AV = 100
Figure 16. ZOUT vs. Frequency
80
–60
–40
0
–20
40
20
60
180
–135
–90
0
–45
90
45
135
1
10
100
1k
10k
100k
FREQUENCY (kHz)
VSY = 5V
RL = 1kΩ
CL = 10pF
TA = 25°C
Figure 17. Open-Loop Gain and Phase vs. Frequency
60
–60
–40
0
–20
40
20
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = 5V
TA = 25°C
AV = 100
AV = 10
AV = 1
Figure 18. Closed-Loop Gain vs. Frequency
120
0
20
80
60
40
100
1
10
100
1k
10k
1M
100k
FREQUENCY (kHz)
VSY = 5V
TA = 25°C
AV = 1
AV = 10
AV = 100
Figure 19. ZOUT vs. Frequency


Similar Part No. - AD8646

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8646 AD-AD8646 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646ARMZ AD-AD8646ARMZ Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646ARMZ AD-AD8646ARMZ Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8646ARMZ-R2 AD-AD8646ARMZ-R2 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646ARMZ-REEL AD-AD8646ARMZ-REEL Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
More results

Similar Description - AD8646

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8648 AD-AD8648_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8646 AD-AD8646_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD823 AD-AD823_15 Datasheet
412Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Rev. E
AD823 AD-AD823_07 Datasheet
465Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823 AD-AD823 Datasheet
439Kb / 16P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com