Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLO-5 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # PLO-5
Description  Low Resistance Power Wirewounds
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PLO-5 Datasheet(HTML) 1 Page - Welwyn Components Limited

  PLO-5 Datasheet HTML 1Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Inductance less than 10 nanohenries
Note: When ordering the alternate configuration please add an ‘A’ after the part number. (ie. PLO-3A)
Standard test points for PLO-3 and PLO-5 are 44.45mm; test points for PLO-7, PLO-10 and PLO-15 are 63.50mm.
Low Resistance
Power Wirewounds
PLO Series
3 watts to 15 watts
±1, 2, 3, 5 and 10% tolerance
0.005 ohm to 0.18 ohm
TC’s from 30 ppm/°C to +500 ppm/°C
Dimensions (mm)
Type
L
W
H
d
E
±1.6
±0.8
±0.8
±0.05
±0.8
PLO-3
22.4
7.87
7.87
0.040
9.65
PLO-5
22.4
9.65
8.89
0.040
10.4
PLO-7
35.3
9.65
8.89
0.040
11.9
PLO-10
47.8
9.65
8.89
0.040
11.9
PLO-15
47.8
12.7
12.7
0.040
16.0
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Type
PLO-3
PLO-5
PLO-7
PLO-10
PLO-15
Power @ 25°C
watts
3
5
7
10
15
Resistance range
ohms
R005 to R18 R005 to R18
R01 to R18
R01 to R18
R01 to R18
Electrical Data
Physical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
106
L
d
W
H
Packaging
Resistors are supplied bulk packed.
Standard Configuration
Type PLO
Type PLO-XA
E
E
Alternate Configuration
Percent Rated Load
Ambient Temperature (
°C)
Power Derating
Temperature Rise


Similar Part No. - PLO-5

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PLO-5 TTELEC-PLO-5 Datasheet
374Kb / 2P
   3 watts to 15 watts
More results

Similar Description - PLO-5

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PLO5R020F IRCTT-PLO5R020F Datasheet
219Kb / 2P
   Extremely Low Resistance Power Wirewounds
LPW-351202F IRCTT-LPW-351202F Datasheet
202Kb / 2P
   Extremely Low Resistance Power Wirewounds
logo
List of Unclassifed Man...
MV217 ETC2-MV217 Datasheet
122Kb / 1P
   Low Resistance Power Film Resistors
logo
SunLED Corporation
XSM2DG983W SUNLED-XSM2DG983W Datasheet
226Kb / 3P
   Low power consumption and thermal resistance
logo
List of Unclassifed Man...
RLH12FTCR100 ETC-RLH12FTCR100 Datasheet
488Kb / 8P
   High Power Low Resistance Chip Resistors
logo
HOKURIKU ELECTRIC INDUS...
WLCR32-R10JV HOKURIKU-WLCR32-R10JV Datasheet
153Kb / 2P
   High Power Low Resistance Chip Resistors
logo
List of Unclassifed Man...
RLH20FECR200 ETC-RLH20FECR200 Datasheet
457Kb / 8P
   High Power Low Resistance Chip Resistors
RLH25FECR100 ETC-RLH25FECR100 Datasheet
472Kb / 8P
   High Power Low Resistance Chip Resistors
logo
SunLED Corporation
XSM2CRK983W SUNLED-XSM2CRK983W Datasheet
233Kb / 3P
   Low power consumption and thermal resistance
logo
Willow Technologies Ltd
C61 WILLOW-C61 Datasheet
782Kb / 2P
   Low On Resistance power FET Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com