Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3081 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MOC3081
Description  6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3081 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOC3081 Datasheet HTML 1Page - Fairchild Semiconductor MOC3081 Datasheet HTML 2Page - Fairchild Semiconductor MOC3081 Datasheet HTML 3Page - Fairchild Semiconductor MOC3081 Datasheet HTML 4Page - Fairchild Semiconductor MOC3081 Datasheet HTML 5Page - Fairchild Semiconductor MOC3081 Datasheet HTML 6Page - Fairchild Semiconductor MOC3081 Datasheet HTML 7Page - Fairchild Semiconductor MOC3081 Datasheet HTML 8Page - Fairchild Semiconductor MOC3081 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC3081M, MOC3082M, MOC3083M Rev. 1.0.3
September 2010
MOC3081M, MOC3082M, MOC3083M
6-Pin Zero-Cross Optoisolators Triac Driver Output
(800 Volt Peak)
Features
Underwriters Laboratories (UL) recognized –
file #E90700, Volume 2
VDE recognized – file #102497 – add option V
(e.g., MOC3083VM)
Simplifies logic control of 240 VAC power
Zero voltage crossing
dv/dt of 1500V/µs typical, 600V/µs guaranteed
Compatible with Fairchild’s FKPF12N80 discrete
power triac
Applications
Solenoid/valve controls
Lighting controls
Static power switches
AC motor drives
Temperature controls
E.M. contactors
AC motor starters
Solid state relays
Description
The MOC3081M, MOC3082M and MOC3083M devices
consist of a GaAs infrared emitting diode optically
coupled to a monolithic silicon detector performing the
function of a zero voltage crossing bilateral triac driver.
They are designed for use with a discrete power triac in
the interface of logic systems to equipment powered
from 240 VAC lines, such as solid-state relays, industrial
controls, motors, solenoids and consumer appliances,
etc.
Schematic
Package Outlines
MAIN TERM.
NC*
N/C
*DO NOT CONNECT
(TRIAC SUBSTRATE)
1
2
3
ANODE
CATHODE
4
5
6 MAIN TERM.
ZERO
CROSSING
CIRCUIT


Similar Part No. - MOC3081

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
List of Unclassifed Man...
MOC3081 ETC-MOC3081 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
logo
Guangdong Youtai Semico...
MOC3081 UMW-MOC3081 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3081 UMW-MOC3081 Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3081

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
logo
ON Semiconductor
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com