Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N989-01-10K-FB Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # N989-01-10K-FB
Description  TaNFilm짰 Flat Precision Resistor Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

N989-01-10K-FB Datasheet(HTML) 1 Page - Welwyn Components Limited

  N989-01-10K-FB Datasheet HTML 1Page - Welwyn Components Limited N989-01-10K-FB Datasheet HTML 2Page - Welwyn Components Limited N989-01-10K-FB Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Welwyn Components
General Note
A subsidiary of
TT electronics plc
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
TaNFilm® Flat Precision
Resistor Array
SON Series
Compatible with standard SOIC footprint (210 Series)
Superior temperature performance
Tested for COTS Applications
Absolute tolerances to ±0.05%
Ratio tolerances to ±0.01%
Electrical Data
Welwyn’s TaNFilm® Small Outline Leadless Resistor Networks are ide-
ally suited for applications requiring precision, long term reliability and
stability in a small area. Its monolithic construction eliminates vulnerable terminations such as solder connec-
tions. The SON package is ideal for the all surface mount production reflow techniques while still possessing
all the unique qualities of our TaNFilm® thin film system. Testing has demonstrated performance exceeding
MIL-PRF-83401 Characteristic H.
Manufacturing Capabilities
Pb- Free finish on commercial parts, Sn Pb Finish on military parts, is standard


Similar Description - N989-01-10K-FB

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
8900 IRCTT-8900 Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
logo
KOA Speer Electronics, ...
CN1H2N KOA-CN1H2N Datasheet
133Kb / 4P
   Flat Chip Resistor Array
logo
Vishay Siliconix
ACAC0612 VISHAY-ACAC0612 Datasheet
366Kb / 5P
   Flat Chip Resistor Array
Revision: 28-Nov-05
logo
IRC - a TT electronics ...
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
   TaNFilm짰 Precision Chip Resistors
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com