Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N989-01-10K-FA Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # N989-01-10K-FA
Description  TaNFilm짰 Flat Precision Resistor Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

N989-01-10K-FA Datasheet(HTML) 3 Page - Welwyn Components Limited

  N989-01-10K-FA Datasheet HTML 1Page - Welwyn Components Limited N989-01-10K-FA Datasheet HTML 2Page - Welwyn Components Limited N989-01-10K-FA Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SON Series Issue June 2006
Welwyn Components
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
Environmental Data
t
s
e
T
l
a
t
n
e
m
n
o
r
i
v
n
E
d
o
h
t
e
M
t
s
e
T
K
c
i
t
s
i
r
e
t
c
a
r
a
h
C
s
t
i
m
i
L
(
∆∆ )
R
H
c
i
t
s
i
r
e
t
c
a
r
a
h
C
s
t
i
m
i
L
(
∆∆ )
R
m
li
F
N
a
T
m
u
m
i
x
a
M
∆∆R
m
li
F
N
a
T
l
a
c
i
p
y
T
∆∆R
r
e
w
o
P
d
n
a
k
c
o
h
S
l
a
m
r
e
h
T
g
n
i
n
o
it
i
d
n
o
C
1
0
4
3
8
-
F
R
P
-
L
I
M
%
7
.
0
±
%
5
.
0
±
%
1
.
0
±
%
2
0
.
0
±
n
o
it
a
r
e
p
O
e
r
u
t
a
r
e
p
m
e
T
w
o
L
1
0
4
3
8
-
F
R
P
-
L
I
M
%
5
2
.
0
±
%
1
.
0
±
%
5
0
.
0
±
%
2
0
.
0
±
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
S
1
0
4
3
8
-
F
R
P
-
L
I
M
%
5
2
.
0
±
%
1
.
0
±
%
5
0
.
0
±
%
2
0
.
0
±
g
n
i
d
n
o
B
o
t
e
c
n
a
t
s
i
s
e
R
e
r
u
s
o
p
x
E
4
1
9
-
F
R
P
-
L
I
M
%
5
2
.
0
±
%
5
2
.
0
±
%
1
.
0
±
%
2
0
.
0
±
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M
1
0
4
3
8
-
F
R
P
-
L
I
M
%
5
.
0
±
%
5
.
0
±
%
1
.
0
±
%
3
0
.
0
±
k
c
o
h
S
1
0
4
3
8
-
F
R
P
-
L
I
M
%
5
2
.
0
±
%
5
2
.
0
±
%
1
.
0
±
%
3
0
.
0
±
n
o
it
a
r
b
i
V
1
0
4
3
8
-
F
R
P
-
L
I
M
%
5
2
.
0
±
%
5
2
.
0
±
%
1
.
0
±
%
3
0
.
0
±
e
fi
L
1
0
4
3
8
-
F
R
P
-
L
I
M
%
5
.
0
±
%
5
.
0
±
%
1
.
0
±
%
3
0
.
0
±
e
r
u
s
o
p
x
E
e
r
u
t
a
r
e
p
m
e
T
h
g
i
H
1
0
4
3
8
-
F
R
P
-
L
I
M
5
.
0
±
2
.
0
±
%
1
.
0
±
%
3
0
.
0
±
e
g
a
r
o
t
S
e
r
u
t
a
r
e
p
m
e
T
w
o
L
1
0
4
3
8
-
F
R
P
-
L
I
M
5
2
.
0
±
1
.
0
±
%
5
0
.
0
±
%
1
0
.
0
±
TaNFilm® Flat Precision
Resistor Array
Ordering Procedure
N989 - 01 - 10k - F B
Model
NS4A, N959:
8-pad, 4 resistor, schematic A
NS4B, N954:
8-pad, 7 resistor, schematic B
NS7A, N989:
14-pad, 7 resistor, schematic A
NS7B, N987:
14-pad, 13 resistor, schematic B
NS8A, N999:
16-pad, 8 resistor, schematic A
NS8B, N997:
16-pad, 15 resistor, schematic B
TCR Code
01 = ±100ppm/°C Commercial Grade
02 = ±50ppm/°C Commercial Grade
03 = ±25ppm/°C Commercial Grade
04 = ±300ppm/°C Military Screened Characteristic M
05 = ±100ppm/°C Military Screened Characteristic K
06 = ±50ppm/°C Military Screened Characteristic H
07 = ±25ppm/°C Military Screened Characteristic H
Special Notes:
SON 150 NSxx series screened per Group A MIL-PRF-55342
SON 210 N9xx series screened per Group A MIL-PRF-83401
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Optional R1 Ratio Tolerance Code
F = ±1%; D = ±0.5%; B = ±0.1%
A = ±0.05%; S = ±0.025%
Q = ±0.02%; T = ±0.01%
Absolute Tolerance Code
J = ±5%; G = ±2%; F = ±1%
D = ±0.5%; C = ±0.25%
B = ±0.1%; A = ±0.05%
Value (use IEC62 code)
4-Digit resistance code
Ex: 1002 = 10KΩ; 49R9 = 49.9Ω
Power Derating
N989 – 01 – 10kFB


Similar Description - N989-01-10K-FA

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
8900 IRCTT-8900 Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
logo
KOA Speer Electronics, ...
CN1H2N KOA-CN1H2N Datasheet
133Kb / 4P
   Flat Chip Resistor Array
logo
Vishay Siliconix
ACAC0612 VISHAY-ACAC0612 Datasheet
366Kb / 5P
   Flat Chip Resistor Array
Revision: 28-Nov-05
logo
IRC - a TT electronics ...
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
   TaNFilm짰 Precision Chip Resistors
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com