Electronic Components Datasheet Search |
|
SS4B-01-10K-FG Datasheet(PDF) 1 Page - Welwyn Components Limited |
|
SS4B-01-10K-FG Datasheet(HTML) 1 Page - Welwyn Components Limited |
1 / 3 page Welwyn Components General Note Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn’s own data and is considered accurate at time of going to print. A subsidiary of TT electronics plc SOIC Series Issue June 2006 © Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com √ ________________ Surface Mount SOIC Resistor Networks • Tested for COTS applications • Both narrow and wide body versions available • Standard JEDEC 8, 14, 16, and 20 pin packages • Ultra-stable TaNSil® resistors on silicon substrates • Standard Sn/Pb and Pb-free terminations available SOIC Series IRC’s TaNSil® SOIC resistor networks are the perfect solution for high vol- ume applications that demand a small wiring board footprint. The .050” lead spacing provides higher lead density, increased component count, lower resistor cost, and high reliability. The tantalum nitride film system on silicon provides precision tolerance, exceptional TCR tracking, low cost and miniature package. Excellent performance in harsh, humid environments is a trademark of IRC’s self-pas- sivating TaNSil® resistor film. The SOIC series is ideally suited for the latest surface mount assembly techniques and each lead can be 100% visually inspected. The compliant gull wing leads relieve thermal expansion and contraction stresses created by soldering and temperature excursions. For applications requiring high performance resistor networks in a low cost, surface mount package, specify IRC SOIC resistor networks. Electrical Data Environmental Data Resistance Range 10 - 250KW Absolute Tolerance To ±0.1% Ratio Tolerance to R1 To ±0.05% Absolute TCR To ±25ppm/°C Tracking TCR To ±5ppm/°C Element Power Rating @ 70°C Isolated Schematic Bussed Schematic 100mW 50mW Power Rating @ 70°C SOIC-N Package 8-Pin 400mW 14-Pin 700mW 16-Pin 800mW Power Rating @ 70°C SOIC-W Package 16-Pin 1.2W 20-Pin 1.5W Rated Operating Voltage (not to exceed Power X Resistance) 100 Volts Operating Temperature -55°C to ±125°C Noise <-30dB Test Per MIL-PRF-83401 Typical Delta R Max Delta R Thermal Shock ±0.02% ±0.1% Power Conditioning ±0.03% ±0.1% High Temperature Exposure ±0.03% ±0.05% Short-time Overload ±0.02% ±0.05% Low Temperature Storage ±0.03% ±0.05% Life ±0.05% ±0.1% |
Similar Part No. - SS4B-01-10K-FG |
|
Similar Description - SS4B-01-10K-FG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |