Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6056DT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # MC100ES6056DT
Description  2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MC100ES6056DT Datasheet(HTML) 3 Page - Integrated Device Technology

  MC100ES6056DT Datasheet HTML 1Page - Integrated Device Technology MC100ES6056DT Datasheet HTML 2Page - Integrated Device Technology MC100ES6056DT Datasheet HTML 3Page - Integrated Device Technology MC100ES6056DT Datasheet HTML 4Page - Integrated Device Technology MC100ES6056DT Datasheet HTML 5Page - Integrated Device Technology MC100ES6056DT Datasheet HTML 6Page - Integrated Device Technology MC100ES6056DT Datasheet HTML 7Page - Integrated Device Technology MC100ES6056DT Datasheet HTML 8Page - Integrated Device Technology MC100ES6056DT Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC100ES6056
3.3V, 2.5VECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
ADVANCED CLOCK DRIVERS DEVICES
IDT™ / ICS™ 2:1 MULTIPLEXER
3
MC100ES6056 REV. 5 JULY 16, 2007
Table 4. DC Characteristics (VCC = 0 V, VEE = –2.5 V ± 5% or 3.8 V to –3.135 V; VCC = 2.5 V ± 5% or 3.135 V to 3.8 V, VEE = 0 V)
Symbol
Characteristics
–40°C
0°C to 85°C
Unit
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
30
60
30
60
mA
VOH
Output HIGH Voltage(1)
1. Output termination voltage VTT = 0 V for VCC = 2.5 V operation is supported but the power consumption of the device will increase.
VCC–1085 VCC–960
VCC–880 VCC–1025 VCC–930
VCC–860
mV
VOL
Output LOW Voltage(1)
VCC–1950 VCC–1695 VCC–1500 VCC–1950 VCC–1705 VCC–1500
mV
VIH
Input HIGH Voltage
VCC–1165
VCC–880 VCC–1165
VCC–880
mV
VIL
Input LOW Voltage
VCC–1810
VCC–1475 VCC–1810
VCC–1475
mV
VBB
Output Reference Voltage
VCC–1380 VCC–1290 VCC–1220 VCC–1380 VCC–1290 VCC–1200
mV
VPP
Differential Input Voltage(2)
2. VPP (DC) is the minimum differential input voltage swing required to maintain device functionality.
0.15
1.3
0.15
1.3
V
VCMR
Differential Cross Point Voltage(3)
3. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC)
range and the input swing lies within the VPP (DC) specification.
VCC –2.3
VCC–0.8
VCC –2.3
VCC–0.8
V
IIH
Input HIGH Current
150
150
µA
IIL
Input LOW Current
0.5
0.5
µA
Table 5. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Characteristic
Conditions
Rating
Units
VSUPPLY
Power Supply Voltage
Difference between VCC & VEE
3.9
V
VIN
Input Voltage
VCC – VEE ≤ 3.6 V
VCC + 0.3
VEE – 0.3
V
IOUT
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source Current
±0.5
°C
TA
Operating Temperature Range
–40 to +85
°C
TSTG
Storage Temperature Range
–65 to +150
°C


Similar Part No. - MC100ES6056DT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES6056DT FREESCALE-MC100ES6056DT Datasheet
254Kb / 8P
   2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
logo
Renesas Technology Corp
MC100ES6056DT RENESAS-MC100ES6056DT Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
logo
Freescale Semiconductor...
MC100ES6056DTR2 FREESCALE-MC100ES6056DTR2 Datasheet
254Kb / 8P
   2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
logo
Renesas Technology Corp
MC100ES6056DTR2 RENESAS-MC100ES6056DTR2 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
More results

Similar Description - MC100ES6056DT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56_16 Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56 ONSEMI-NB100LVEP56_06 Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
logo
Renesas Technology Corp
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
logo
Integrated Circuit Syst...
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
   8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
ICS853054 ICST-ICS853054 Datasheet
207Kb / 15P
   4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
   8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com