Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1625 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1625
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1625 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1625 Datasheet HTML 5Page - Texas Instruments ADS1625 Datasheet HTML 6Page - Texas Instruments ADS1625 Datasheet HTML 7Page - Texas Instruments ADS1625 Datasheet HTML 8Page - Texas Instruments ADS1625 Datasheet HTML 9Page - Texas Instruments ADS1625 Datasheet HTML 10Page - Texas Instruments ADS1625 Datasheet HTML 11Page - Texas Instruments ADS1625 Datasheet HTML 12Page - Texas Instruments ADS1625 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
9
CLK
RESET
DRDY
DOUT[17:0]
t
10
t
9
t
12
t
3
t
11
Settled
Data
NOTE: CS and RD tied low.
Figure 3. Reset Timing (ADS1625, ADS1626 with FIFO Disabled)
TIMING REQUIREMENTS FOR FIGURE 3
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
t3
Rising edge of CLK to DRDY low
10
ns
t9
RESET pulse width
50
ns
t10
Delay from RESET active (low) to DRDY forced high and DOUT forced low
9
ns
t11
RESET rising edge to falling edge of CLK
−5
10
ns
t12
Delay from DOUT active to valid DOUT (settling to 0.001%)
46
DRDY
Cycles
NOTE: DOUT[17:0] and DRDY load = 10pF.


Similar Part No. - ADS1625

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1625 BURR-BROWN-ADS1625 Datasheet
472Kb / 31P
   18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
ADS1625I BURR-BROWN-ADS1625I Datasheet
472Kb / 31P
   18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
ADS1625IPAPR BURR-BROWN-ADS1625IPAPR Datasheet
472Kb / 31P
   18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
ADS1625IPAPT BURR-BROWN-ADS1625IPAPT Datasheet
472Kb / 31P
   18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
More results

Similar Description - ADS1625

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1601 BURR-BROWN-ADS1601 Datasheet
386Kb / 26P
   16-BIT 1.25MSPS ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1601 TI1-ADS1601_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 1.25MSPS Analog-to-Digital Converter
ADS1601 TI1-ADS1601_14 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 1.25MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
   18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
logo
API Technologies Corp
MN3390 APITECH-MN3390 Datasheet
690Kb / 5P
   18-Bit, Deglitched Digital-to-Analog Converter
logo
Analog Devices
AD1139 AD-AD1139 Datasheet
454Kb / 6P
   High Accuracy 18-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1626 BURR-BROWN-ADS1626 Datasheet
472Kb / 31P
   18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
OPA625 TI1-OPA625 Datasheet
2Mb / 46P
[Old version datasheet]   18-Bit Analog-to-Digital Converter (ADC) Drivers
logo
Burr-Brown (TI)
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com