Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP5S-680RJA15 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # WP5S-680RJA15
Description  Compact Flameproof Power Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WP5S-680RJA15 Datasheet(HTML) 1 Page - Welwyn Components Limited

  WP5S-680RJA15 Datasheet HTML 1Page - Welwyn Components Limited WP5S-680RJA15 Datasheet HTML 2Page - Welwyn Components Limited WP5S-680RJA15 Datasheet HTML 3Page - Welwyn Components Limited WP5S-680RJA15 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Compact Flameproof Power
Wirewound Resistors
WP-S Series
Small size for power rating
Enhanced pulse handling capability
Flameproof protection
SMD Z-form available
RoHS compliant with Pb-free terminations
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue E · 07.06
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions (mm) & Weight (g)
Type
L max
D max
f min
d nom
PCB
Min
Wt.
mount
bend
nom
centres
radius
WP1S
6.2
2.8
21.20
0.6
10.20
0.6
0.22
WP2S
9.0
3.6
19.80
12.70
0.50
WP25S
12.5
4.5
17.80
18.40
0.50
WP3S
14.5
5.2
24.55
20.30
1.10
WP4S
13
5.6
22.75
18.90
1.00
WP5S
16.5
7.0
23.55
22.86
1.75
WP7S
25.0
8.8
28.30
31.40
4.40
A high purity ceramic substrate is assembled with interference fit end caps to which are welded the terminations. The resistive
element is wound on the substrate and welded to the caps. Flameproof silicone cement coating is applied prior to marking with
indelible ink. The components are then leadformed if required and packed.
Electrical Data
Physical Data
Construction
D
d
Lf
WP1S
WP2S
WP25S
WP3S
WP4S
WP5S
WP7S
Power rating at 25°C
watts
1
2
2.5
3
4
5
7
5s overload rating at 25ºC
watts
5
10
12.5
15
20
25
35
Short pulse performance
See Pulse Performance graphs
Resistance range
ohms
R068 to 430R
R05 to 900R
R05 to 900R
R01 to 2K2
R01 to 10K
R015 to 6K8 R15 to 10K
Limiting element voltage
volts
50
50
75
100
100
150
150
TCR
ppm/°C
<1R: 350
≥1R: 200
Isolation Voltage
volts
250
350
500
700
Resistance Tolerance
%
Standard Values
E24 preferred
Thermal Impedance
°C/watt
140
110
90
82
62
54
35
Ambient temperature range
°C
-55 to +155
<20R: 5
≥20R: 1, 2, 5
<20R: 5
≥20R: 1, 2, 5
<R10: 5
≥R10: 1, 2, 5
0.8
1.2


Similar Part No. - WP5S-680RJA15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP5-7-2C ETC-WP5-7-2C Datasheet
259Kb / 1P
   IP67 Low Profile Cases
Ver 1
WP5-7-2G ETC-WP5-7-2G Datasheet
259Kb / 1P
   IP67 Low Profile Cases
Ver 1
WP5-7-3C ETC-WP5-7-3C Datasheet
259Kb / 1P
   IP67 Low Profile Cases
Ver 1
WP5-7-3G ETC-WP5-7-3G Datasheet
259Kb / 1P
   IP67 Low Profile Cases
Ver 1
logo
Kingbright Corporation
WP503GDT KINGBRIGHT-WP503GDT Datasheet
263Kb / 6P
   5x5mm SQUARE TOP LED LAMP
More results

Similar Description - WP5S-680RJA15

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
WW10 WILLOW-WW10 Datasheet
112Kb / 2P
   FLAMEPROOF WIREWOUND RESISTORS
logo
List of Unclassifed Man...
FA80 ETC1-FA80 Datasheet
84Kb / 2P
   Flameproof Power Oxide Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
   FLAMEPROOF POWER METAL FILM RESISTORS
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
   Flameproof Power Metal Film Resistors
logo
Welwyn Components Limit...
MFP WELWYN-MFP Datasheet
394Kb / 2P
   Flameproof Power Metal Film Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 05-Oct-05
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 15-Nov-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com