Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD07P Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD07P
Description  HIGH OUTPUT RS-485 TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD07P Datasheet(HTML) 5 Page - Texas Instruments

  SN75HVD07P Datasheet HTML 1Page - Texas Instruments SN75HVD07P Datasheet HTML 2Page - Texas Instruments SN75HVD07P Datasheet HTML 3Page - Texas Instruments SN75HVD07P Datasheet HTML 4Page - Texas Instruments SN75HVD07P Datasheet HTML 5Page - Texas Instruments SN75HVD07P Datasheet HTML 6Page - Texas Instruments SN75HVD07P Datasheet HTML 7Page - Texas Instruments SN75HVD07P Datasheet HTML 8Page - Texas Instruments SN75HVD07P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
SN65HVD05
,, SN65HVD06
SN75HVD05, SN65HVD07
SN75HVD06, SN75HVD07
SLLS533D – MAY 2002 – REVISED JULY 2006
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Positive-going input
VIT+
IO = -8 mA
0.01
threshold voltage
V
Negative-going input
VIT-
IO = 8 mA
-0.2
threshold voltage
Hysteresis voltage
Vhys
35
mV
(VIT+ - VIT-)
Enable-input clamp
VIK
II = -18 mA
-1.5
V
voltage
VOH
High-level output voltage
VID = 200 mV,
IOH = -8 mA,
See Figure 7
4
V
VOL
Low-level output voltage
VID = -200 mV,
IOL = 8 mA,
See Figure 7
0.4
V
High-impedance-state
IOZ
VO = 0 or VCC
RE at VCC
-1
1
µA
output current
VA or VB = 12 V
0.23
0.5
VA or VB = 12 V,
VCC = 0 V
0.3
0.5
HVD05
Other inputat 0 V
mA
VA or VB = -7 V
-0.4
0.13
VA or VB = -7 V,
VCC = 0 V
-0.4
0.15
II
Bus input current
VA or VB = 12 V
0.06
0.1
VA or VB = 12 V,
VCC = 0 V
0.08
0.13
HVD06
Other inputat 0 V
mA
HVD07
VA or VB = -7 V
-0.1
0.05
VA or VB = -7 V,
VCC = 0 V
-0.05
0.03
High-level input current,
IIH
VIH = 2 V
-60
26.4
µA
RE
Low-level input current,
IIL
VIL = 0.8 V
-60
27.4
µA
RE
Differential input
C(diff)
VI = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
16
pF
capacitance
RE at 0 V, D & DE at
Receiver enabled and driver disabled
5
10
mA
0 V, No load
RE at VCC, DE at 0 V,
Receiver disabled and driver disabled
1
5
µA
ICC
Supply current
D at VCC, No load
(standby)
RE at 0 V,
D & DE at VCC,
Receiver enabled and driver enabled
9
15
mA
No load
(1)
All typical values are at 25°C and with a 5-V supply.
5
Submit Documentation Feedback


Similar Part No. - SN75HVD07P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD07P TI-SN75HVD07P Datasheet
220Kb / 19P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD07P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD05 TI-SN65HVD05 Datasheet
220Kb / 19P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com