Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3C125615JI Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P3C125615JI
Description  HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C125615JI Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P3C125615JI Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C125615JI Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C125615JI Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C125615JI Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C125615JI Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C125615JI Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C125615JI Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C125615JI Datasheet HTML 9Page - Pyramid Semiconductor Corporation P3C125615JI Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
P3C1256
Page 7 of 10
Document # SRAM122 REV B
DATA RETENTION CHARACTERISTICS
Symbol
V
DR
I
CCDR
t
CDR
t
R
Parameter
V
CC for Data Retention
Data Retention Current
Chip Deselect to
Data Retention Time
Operation Recovery Time
Test Conditons
CE
≥ V
CC –0.2V,
V
IN ≥ VCC –0.2V
or V
IN ≤ 0.2V
Min
2.0
0
t
RC
§
Typ.*
V
CC =
2.0V
3.0V
Max
V
CC =
2.0V
3.0V
Unit
10
15
600
900
V
µA
ns
ns
*T
A = +25°C
§t
RC = Read Cycle Time
This parameter is guaranteed but not tested.
DATA RETENTION WAVEFORM
TSOP PIN CONFIGURATION


Similar Part No. - P3C125615JI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P3C1256L PYRAMID-P3C1256L Datasheet
760Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
P3C1256L5506CLF PYRAMID-P3C1256L5506CLF Datasheet
760Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
P3C1256L5506ILF PYRAMID-P3C1256L5506ILF Datasheet
760Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
P3C1256L5506MBLF PYRAMID-P3C1256L5506MBLF Datasheet
760Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
P3C1256L5506MLF PYRAMID-P3C1256L5506MLF Datasheet
760Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
More results

Similar Description - P3C125615JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com