Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD05DR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75HVD05DR
Description  HIGH OUTPUT RS-485 TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD05DR Datasheet(HTML) 2 Page - Texas Instruments

  SN75HVD05DR Datasheet HTML 1Page - Texas Instruments SN75HVD05DR Datasheet HTML 2Page - Texas Instruments SN75HVD05DR Datasheet HTML 3Page - Texas Instruments SN75HVD05DR Datasheet HTML 4Page - Texas Instruments SN75HVD05DR Datasheet HTML 5Page - Texas Instruments SN75HVD05DR Datasheet HTML 6Page - Texas Instruments SN75HVD05DR Datasheet HTML 7Page - Texas Instruments SN75HVD05DR Datasheet HTML 8Page - Texas Instruments SN75HVD05DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
ABSOLUTE MAXIMUM RATINGS
SN65HVD05
,, SN65HVD06
SN75HVD05, SN65HVD07
SN75HVD06, SN75HVD07
SLLS533D – MAY 2002 – REVISED JULY 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
MARKED AS
DRIVER
PLASTIC
SMALL
SIGNALING
UNIT
OUTPUT SLOPE
TA
PART NUMBER(2)
DUAL-IN-LINE
OUTLINE
RATE
LOAD
CONTROL
PACKAGE
IC (SOIC)
(PDIP)
PACKAGE
40 Mbps
1/2
No
SN65HVD05D
SN65HVD05P
65HVD05
VP05
10 Mbps
1/8
Yes
40°C to 85°C
SN65HVD06D
SN65HVD06P
65HVD06
VP06
1 Mbps
1/8
Yes
SN65HVD07D
SN65HVD07P
65HVD07
VP07
40 Mbps
1/2
No
SN75HVD05D
SN75HVD05P
75HVD05
VN05
10 Mbps
1/8
Yes
0°C to 70°C
SN75HVD06D
SN75HVD06P
75HVD06
VN06
1 Mbps
1/8
Yes
SN75HVD07D
SN75HVD07P
75HVD07
VN07
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The D package is available taped and reeled. Add an R suffix to the device type (i.e., SN65HVD05DR).
(See Figure 12 and Figure 13)
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D(2)
710 mW
5.7 mW/°C
455 mW
369 mW
D(3)
1282 mW
10.3 mW/°C
821 mW
667 mW
P
1000 mW
8.0 mW/°C
640 mW
520 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
(2)
Tested in accordance with the Low-K thermal metric definitions of EIA/JESD51-3
(3)
Tested in accordance with the High-K thermal metric definitions of EIA/JESD51-7
over operating free-air temperature range unless otherwise noted(1)(2)
SN65HVD05, SN65HVD06, SN65HVD07
SN75HVD05, SN75HVD06, SN75HVD07
Supply voltage range, VCC
-0.3 V to 6 V
Voltage range at A or B
-9 V to 14 V
Input voltage range at D, DE, R or RE
-0.5 V to VCC + 0.5 V
Voltage input range, transient pulse, A and B, through 100
Ω (see Figure 11)
-50 V to 50 V
Receiver output current, IO
–11 mA to 11mA
A, B, and GND
16 kV
Human body model(3)
Electrostatic discharge
All pins
4 kV
Charged-device model(4)
All pins
1 kV
Continuous total power dissipation
See Dissipation Rating Table
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under" recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
2
Submit Documentation Feedback


Similar Part No. - SN75HVD05DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD05D TI-SN75HVD05D Datasheet
220Kb / 19P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD05DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD05 TI-SN65HVD05 Datasheet
220Kb / 19P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com