Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9753XXTAEYYX Datasheet(PDF) 6 Page - Integrated Device Technology

Part # STAC9753XXTAEYYX
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9753XXTAEYYX Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button STAC9753XXTAEYYX Datasheet HTML 2Page - Integrated Device Technology STAC9753XXTAEYYX Datasheet HTML 3Page - Integrated Device Technology STAC9753XXTAEYYX Datasheet HTML 4Page - Integrated Device Technology STAC9753XXTAEYYX Datasheet HTML 5Page - Integrated Device Technology STAC9753XXTAEYYX Datasheet HTML 6Page - Integrated Device Technology STAC9753XXTAEYYX Datasheet HTML 7Page - Integrated Device Technology STAC9753XXTAEYYX Datasheet HTML 8Page - Integrated Device Technology STAC9753XXTAEYYX Datasheet HTML 9Page - Integrated Device Technology STAC9753XXTAEYYX Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
6
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
LIST OF TABLES
Table 1. Clock Mode Configuration ............................................................................................................... 17
Table 2. Common Clocks and Sources ......................................................................................................... 18
Table 3. Recommended CODEC ID strapping ............................................................................................. 26
Table 4. AC-Link output slots (transmitted from the Controller) ..................................................................... 29
Table 5. The AC-Link input slots (transmitted from the CODEC) .................................................................. 30
Table 6. VRA Behavior .................................................................................................................................. 31
Table 7. Output Slot 0 Bit Definitions ............................................................................................................ 34
Table 8. Command Address Port Bit Assignments ........................................................................................ 35
Table 9. Status Address Port Bit Assignments .............................................................................................. 37
Table 10. Status Data Port Bit Assignments .................................................................................................. 38
Table 11. Primary CODEC Addressing: Slot 0 Tag Bits ................................................................................ 40
Table 12. Secondary CODEC Addressing: Slot 0 Tag Bits ........................................................................... 40
Table 13. AC-Link Slot Definitions ................................................................................................................. 41
Table 14. AC-Link Input Slots Dedicated To Audio ....................................................................................... 41
Table 15. Audio Interrupt Slot Definitions ...................................................................................................... 42
Table 16. Digital PC Beep Examples ............................................................................................................. 46
Table 17. Programming Registers ................................................................................................................. 47
Table 18. Extended Audio ID Register Functions .......................................................................................... 60
Table 19. AMAP compliant ............................................................................................................................ 63
Table 20. Hardware Supported Sample Rates .............................................................................................. 63
Table 21. Supported Jack and Microphone Sense Functions .......................................................................71
Table 22. Reg 68h Default Values ................................................................................................................. 73
Table 23. Gain or Attenuation Examples ....................................................................................................... 73
Table 24. Register 68h/Page 01h Bit Overview ............................................................................................. 73
Table 25. Sensed Bits (Outputs) ................................................................................................................... 75
Table 26. Sensed Bits (Inputs) ...................................................................................................................... 75
Table 27. Low Power Modes ......................................................................................................................... 80
Table 28. CODEC ID Selection .....................................................................................................................82
Table 29. Secondary CODEC Register Access Slot 0 Bit Definitions ...........................................................83
Table 30. Test Mode Activation .....................................................................................................................84
Table 31. ATE Test Mode Operation ............................................................................................................. 84
Table 32. Digital Connection Signals ............................................................................................................. 86
Table 33. Analog Connection Signals ........................................................................................................... 87
Table 34. Filtering and Voltage References .................................................................................................. 88
Table 35. Power and Ground Signals ............................................................................................................ 88


Similar Part No. - STAC9753XXTAEYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9753A IDT-STAC9753A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9753AXNAEYYX IDT-STAC9753AXNAEYYX Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9753AXTAEYYX IDT-STAC9753AXTAEYYX Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
More results

Similar Description - STAC9753XXTAEYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9766 IDT-STAC9766 Datasheet
438Kb / 97P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9750 IDT-STAC9750 Datasheet
634Kb / 73P
   VALUE-LINE TWO-CHANNEL AC??7 CODECS
logo
Realtek Semiconductor C...
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC
logo
List of Unclassifed Man...
ALC250 ETC2-ALC250 Datasheet
619Kb / 46P
   TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Realtek Semiconductor C...
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Wolfson Microelectronic...
WM9707 WOLFSON-WM9707_06 Datasheet
333Kb / 35P
   AC 97 Revision 2.1 Audio CODEC with SPDIF Output
logo
Realtek Semiconductor C...
ALC850 REALTEK-ALC850 Datasheet
596Kb / 56P
   EIGHT CHANNEL AC??7 2.3 AUDIO CODEC
ALC655 REALTEK-ALC655 Datasheet
654Kb / 40P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC658 REALTEK-ALC658 Datasheet
597Kb / 51P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com