Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9759XXTAEYYX Datasheet(PDF) 11 Page - Integrated Device Technology

Part # STAC9759XXTAEYYX
Description  HIGH-PERFORMANCE 6-CHANNEL AC??7 2.3 CODEC WITH UNIVERSAL JACKS
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9759XXTAEYYX Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button STAC9759XXTAEYYX Datasheet HTML 7Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 8Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 9Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 10Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 11Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 12Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 13Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 14Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
STAC9758/9759
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
PC AUDIO
IDT™
11
STAC9758/9759
V 1.2 1206
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
2.1.3.
Power Consumption
Parameter
Min
Typ
Max
Unit
Digital Supply Current
+ 3.3 V Digital
-
44
-
mA
Analog Supply Current (at Reset state)
+ 5 V Analog
-
58
-
mA
+ 3.3 V Analog
-
52
-
mA
Power Down Status (individually asserted)
(All PR measurements taken while unmuted.)
All paths unmuted
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
96
88
49
-
mA
PR0
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
90
82
39
-
mA
PR1
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
71
66
34
-
mA
PR2
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
51
45
22
-
mA
PR3
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
28
26
22
-
mA
PR4
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
104
89
1.3
-
mA
PR5
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
89
83
22
-
mA
PR6
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
84
79
49
-
mA
PR0 & PR1
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
65
61
22
-
mA
PR0, PR1, PR2, PR6
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
12
11
22
-
mA
PR0, PR1, PR2, PR3, PR6
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
0.8
0.6
22
-
mA
PR0, PR1, PR2, PR3, PR4, PR6
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
0.8
0.6
1.3
-
mA
For additional power configuration, each DAC pairs can be powered down individually.


Similar Part No. - STAC9759XXTAEYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9750 IDT-STAC9750 Datasheet
634Kb / 73P
   VALUE-LINE TWO-CHANNEL AC??7 CODECS
STAC9750XXTAEYYX IDT-STAC9750XXTAEYYX Datasheet
634Kb / 73P
   VALUE-LINE TWO-CHANNEL AC??7 CODECS
STAC9751XXTAEYYX IDT-STAC9751XXTAEYYX Datasheet
634Kb / 73P
   VALUE-LINE TWO-CHANNEL AC??7 CODECS
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
More results

Similar Description - STAC9759XXTAEYYX

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC655 REALTEK-ALC655 Datasheet
654Kb / 40P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC
ALC850 REALTEK-ALC850 Datasheet
596Kb / 56P
   EIGHT CHANNEL AC??7 2.3 AUDIO CODEC
ALC658 REALTEK-ALC658 Datasheet
597Kb / 51P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
List of Unclassifed Man...
ALC250 ETC2-ALC250 Datasheet
619Kb / 46P
   TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Integrated Device Techn...
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
logo
Realtek Semiconductor C...
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
   SIX-CHANNEL AC??7 AUDIO CODEC
logo
Analog Devices
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com