Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CY7C10211BN-10ZXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C10211BN-10ZXC
Description  1-Mbit (64K x 16) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C10211BN-10ZXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C10211BN-10ZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C10211BN-10ZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C10211BN-10ZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C10211BN-10ZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C10211BN-10ZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C10211BN-10ZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C10211BN-10ZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C10211BN-10ZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C10211BN-10ZXC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY7C1021BN
CY7C10211BN
Document #: 001-06494 Rev. *A
Page 8 of 10
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
10
CY7C10211BN-10ZXC
51-85087
44-pin TSOP Type II
Commercial
12
CY7C1021BN-12VC
51-85082
44-pin (400-Mil) Molded SOJ
Commercial
CY7C1021BN-12VXC
44-pin (400-Mil) Molded SOJ (Pb-Free)
CY7C1021BN-12ZC
51-85087
44-pin TSOP Type II
CY7C1021BN-12ZXC
44-pin TSOP Type II (Pb-Free)
CY7C1021BN-12VI
51-85082
44-pin (400-Mil) Molded SOJ
Industrial
CY7C1021BN-12VXI
44-pin (400-Mil) Molded SOJ (Pb-Free)
15
CY7C1021BN-15VC
51-85082
44-pin (400-Mil) Molded SOJ
Commercial
CY7C1021BN-15VXC
44-pin (400-Mil) Molded SOJ (Pb-Free)
CY7C1021BNL-15VXC
44-pin (400-Mil) Molded SOJ (Pb-Free)
CY7C1021BN-15ZC
51-85087
44-pin TSOP Type II
CY7C1021BN-15ZXC
44-pin TSOP Type II (Pb-Free)
CY7C1021BNL-15ZC
44-pin TSOP Type II
CY7C1021BNL-15ZXC
44-pin TSOP Type II (Pb-Free)
CY7C1021BN-15VI
51-85082
44-pin (400-Mil) Molded SOJ
Industrial
CY7C1021BN-15VXI
44-pin (400-Mil) Molded SOJ (Pb-Free)
CY7C1021BN-15ZI
51-85087
44-pin TSOP Type II
CY7C1021BNL-15ZI
44-pin TSOP Type II
CY7C1021BN-15ZXI
44-pin TSOP Type II (Pb-Free)
CY7C1021BNL-15ZXI
44-pin TSOP Type II (Pb-Free)
CY7C1021BNL-15ZSXA
51-85087
44-pin TSOP Type II (Pb-Free)
Automotive-A
CY7C1021BN-15VXE
51-85082
44-pin (400-Mil) Molded SOJ (Pb-Free)
Automotive-E
CY7C1021BN-15ZSXE
51-85087
44-pin TSOP Type II (Pb-Free)
Package Diagrams
1
22
23
44
0.395
0.405
0.435
0.445
1.120
1.130
0.045
MAX.
0.023
0.033
0.013
0.023
0.050
TYP.
0.095
0.115
0.128
0.148
0.025
MIN.
0.082
MIN.
0°-10°
0.365
0.375
0.007
0.013
SEATING PLANE
DIMENSIONS IN INCHES MIN.
MAX.
0.004
44-pin (400-Mil) Molded SOJ (51-85082)
51-85082-*B
[+] Feedback
[+] Feedback


Similar Part No. - CY7C10211BN-10ZXC

ManufacturerPart #DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY7C10211BN-10ZXC CYPRESS-CY7C10211BN-10ZXC Datasheet
461Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C10211BN-10ZXC

ManufacturerPart #DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com