Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021BNV33 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1021BNV33
Description  64K x 16 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BNV33 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1021BNV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY7C1021BNV33
Document #: 001-06433 Rev. **
Page 3 of 10
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage on VCC to Relative GND
[1] .... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High Z State[1] ......................................–0.5V to VCC+0.5V
DC Input Voltage[1] .................................. –0.5V to VCC+0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V
± 10%
Industrial
–40°C to +85°C
3.3V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
-10
-12
-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage VCC = Min., IOH = –4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC+0.3V
2.2
VCC+0.3V
2.2
VCC+0.3V
V
VIL
Input LOW Voltage[1]
−0.3
0.8
–0.3
0.8
–0.3
0.8
V
IIX
Input Load Current
GND < VI < VCC
−1+1
–1
+1
–1
+1
µA
IOZ
Output Leakage
Current
GND < VI < VCC,
Output Disabled
−1+1
–1
+1
–1
+1
µA
ICC
VCC Operating
Supply Current
VCC = Max., IOUT=0mA
f = fMAX = 1/tRC
Com’l
160
150
140
mA
Ind’l
120
170
160
mA
ISB1
Automatic CE
Powerdown Current
—TTL Inputs
Max. VCC, CE > VIH,
VIN > VIH or VIN < VIL,
f = fMAX
40
40
40
mA
ISB2
Automatic CE
Power Down
Current
—CMOS Inputs
Max. VCC,
CE > VCC–0.3V,
VIN > VCC –0.3V or VIN
<0.3V, f = 0
5
5
5
mA
L500
500
500
µA
Capacitance[2]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz
6
pF
COUT
Output Capacitance
8
pF
AC Test Loads and Waveforms
Note:
1. Minimum voltage is –2.0V for pulse durations of less than 20 ns.
2. Tested initially and after any design or process changes that may affect these parameters.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
3.3V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
3.3V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
R 317
R 317
R2
351
R2
351 Ω
167
Equivalent to: THÉVENIN
EQUIVALENT
1.73V
30 pF
Rise Time: 1 V/ns
Fall Time: 1 V/ns
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1021BNV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
727Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
553Kb / 17P
   64 K 횞 16 Static RAM CMOS for optimum speed/power
CY7C1021BNV33L-10VXC CYPRESS-CY7C1021BNV33L-10VXC Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021BNV33L-10ZXC CYPRESS-CY7C1021BNV33L-10ZXC Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021BNV33L-12ZC CYPRESS-CY7C1021BNV33L-12ZC Datasheet
521Kb / 10P
   64K x 16 Static RAM
More results

Similar Description - CY7C1021BNV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BV33 CYPRESS-CY7C1021BV33 Datasheet
239Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com