Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C116-15LMB Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C116-15LMB
Description  ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C116-15LMB Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C116-15LMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C116-15LMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C116-15LMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C116-15LMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C116-15LMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C116-15LMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C116-15LMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C116-15LMB Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C116-15LMB Datasheet HTML 12Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
P4C116/P4C116L
Page 8 of 14
Document # SRAM110 REV A
ORDERING INFORMATION
* Military temperature range with MIL-STD-883, Class B processing.
N/A = Not Available
SELECTION GUIDE
The P4C116 is available in the following temperature, speed and package options.
10
12
15
20
25
35
Plastic DIP
-10PC
-12PC
-15PC
-20PC
-25PC
-35PC
Plastic SOJ
-10JC
-12JC
-15JC
-20JC
-25JC
-35JC
Plastic SOIC
-10SC
-12SC
-15SC
-20SC
-25SC
-35SC
24-Pin Rect. LCC
N/A
N/A
-15LM
-20LM
-25LM
-35LM
28-Pin Sq. LCC
N/A
N/A
-15L28M
-20L28M
-25L28M
-35L28M
32-Pin Rect. LCC
N/A
N/A
-15L32M
-20L32M
-25L32M
-35L32M
40-Pin Sq. LCC
N/A
N/A
-15L40M
-20L40M
-25L40M
-35L40M
Side Brazed DIP
N/A
N/A
-15CM
-20CM
-25CM
-35CM
CERPACK
N/A
N/A
-15FSM
-20FSM
-25FSM
-35FSM
24-Pin Rect. LCC
N/A
N/A
-15LMB
-20LMB
-25LMB
-35LMB
28-Pin Sq. LCC
N/A
N/A
-15L28MB
-20L28MB
-25L28MB
-35L28MB
32-Pin Rect. LCC
N/A
N/A
-15L32MB
-20L32MB
-25L32MB
-35L32MB
40-Pin Sq. LCC
N/A
N/A
-15L40MB
-20L40MB
-25L40MB
-35L40MB
Side Brazed DIP
N/A
N/A
-15CMB
-20CMB
-25CMB
-35CMB
CERPACK
N/A
N/A
-15FSMB
-20FSMB
-25FSMB
-35FSMB
Speed (ns)
Commercial
Military
Processed*
Military
Temperature
Temperature
Range
Package


Similar Part No. - P4C116-15LMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
More results

Similar Description - P4C116-15LMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Integrated Device Techn...
IDT7133SA IDT-IDT7133SA Datasheet
140Kb / 16P
   HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com