Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4RC10KPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4RC10KPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4RC10KPBF Datasheet(HTML) 2 Page - International Rectifier

  IRG4RC10KPBF Datasheet HTML 1Page - International Rectifier IRG4RC10KPBF Datasheet HTML 2Page - International Rectifier IRG4RC10KPBF Datasheet HTML 3Page - International Rectifier IRG4RC10KPBF Datasheet HTML 4Page - International Rectifier IRG4RC10KPBF Datasheet HTML 5Page - International Rectifier IRG4RC10KPBF Datasheet HTML 6Page - International Rectifier IRG4RC10KPBF Datasheet HTML 7Page - International Rectifier IRG4RC10KPBF Datasheet HTML 8Page - International Rectifier IRG4RC10KPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG4RC10KPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
19
29
IC = 5.0A
Qge
Gate - Emitter Charge (turn-on)
2.9
4.3
nC
VCC = 400V
See Fig.8
Qgc
Gate - Collector Charge (turn-on)
9.8
15
VGE = 15V
td(on)
Turn-On Delay Time
11
tr
Rise Time
24
TJ = 25°C
td(off)
Turn-Off Delay Time
51
77
IC = 5.0A, VCC = 480V
tf
Fall Time
190
290
VGE = 15V, RG = 100Ω
Eon
Turn-On Switching Loss
0.16
Energy losses include "tail"
Eoff
Turn-Off Switching Loss
0.10
mJ
See Fig. 9,10,14
Ets
Total Switching Loss
0.26 0.32
tsc
Short Circuit Withstand Time
10
µs
VCC = 400V, TJ = 125°C
VGE = 15V, RG = 100Ω , VCPK < 500V
td(on)
Turn-On Delay Time
11
TJ = 150°C,
tr
Rise Time
27
IC = 5.0A, VCC = 480V
td(off)
Turn-Off Delay Time
67
VGE = 15V, RG = 100Ω
tf
Fall Time
350
Energy losses include "tail"
Ets
Total Switching Loss
0.47
mJ
See Fig. 10,11,14
LE
Internal Emitter Inductance
7.5
nH
Measured 5mm from package
Cies
Input Capacitance
220
VGE = 0V
Coes
Output Capacitance
29
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
7.5
ƒ = 1.0MHz
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 250µA
V(BR)ECS
Emitter-to-Collector Breakdown Voltage
„
18
V
VGE = 0V, IC = 1.0A
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
0.58
V/°C
VGE = 0V, IC = 1.0mA
2.39
2.62
IC = 5.0A
VGE = 15V
VCE(ON)
Collector-to-Emitter Saturation Voltage
3.25
IC = 9.0A
See Fig.2, 5
2.63
IC = 5.0A , TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.5
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
-11
mV/°C VCE = VGE, IC = 250µA
gfe
Forward Transconductance
…
1.2
1.8
S
VCE = 50 V, IC = 5.0A
250
VGE = 0V, VCE = 600V
2.0
VGE = 0V, VCE = 10V, TJ = 25°C
1000
VGE = 0V, VCE = 600V, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
ICES
Zero Gate Voltage Collector Current
V
µA
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
ns
ns
ƒ Repetitive rating; pulse width limited by maximum
junction temperature.
„ Pulse width ≤ 80µs; duty factor ≤ 0.1%.
… Pulse width 5.0µs, single shot.
Notes:
 Repetitive rating; VGE = 20V, pulse width limited by
max. junction temperature. ( See fig. 13b )
‚ VCC = 80%(VCES), VGE = 20V, L = 10µH, RG = 100Ω,
(See fig. 13a)


Similar Part No. - IRG4RC10KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10K IRF-IRG4RC10K Datasheet
134Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4RC10KD IRF-IRG4RC10KD Datasheet
190Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4RC10KDPBF IRF-IRG4RC10KDPBF Datasheet
326Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4RC10KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH30KPBF IRF-IRG4PH30KPBF Datasheet
345Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated Ultrafast IGBT
IRGPC40K IRF-IRGPC40K Datasheet
110Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRG4PC40KPBF IRF-IRG4PC40KPBF Datasheet
235Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRGPC20K IRF-IRGPC20K Datasheet
110Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRG4BC30K-SPBF IRF-IRG4BC30K-SPBF Datasheet
271Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Short Ciruit Rated UltraFast IGBT
IRGBC30KD2 IRF-IRGBC30KD2 Datasheet
145Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast CoPack IGBT
IRG4ZH71KD IRF-IRG4ZH71KD Datasheet
245Kb / 10P
   Surface Mountable Short Circuit Rated UltraFast IGBT (INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE)
IRGPC40KD2 IRF-IRGPC40KD2 Datasheet
149Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated
IRG4BC30KDPBF IRF-IRG4BC30KDPBF Datasheet
321Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast 1GBT
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com