Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C165-20PC Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C165-20PC
Description  ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C165-20PC Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C165-20PC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C165-20PC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C165-20PC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C165-20PC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C165-20PC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C165-20PC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C165-20PC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C165-20PC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C165-20PC Datasheet HTML 9Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
P4C165
Page 5 of 9
Document # SRAM117 Rev OR
Notes:
11. CE
1 and WE must be LOW, and CE2 HIGH for WRITE cycle.
12. OE is LOW for this WRITE cycle to show t
WZ and tOW.
13. If CE
1 goes HIGH, or CE2 goes LOW, simultaneously with WE HIGH,
the output remains in a high impedance state.
-20
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
14. Write Cycle Time is measured from the last valid address to the first
transitioning address.
Sym.
t
WC
t
CW
t
AS
t
WP
t
AH
t
DW
t
DH
Parameter
Write Cycle Time
Chip Enable Time to End of Write
Address Set-up Time
Write Pulse Width
Address Hold Time
Date Hold Time
Data Valid to End of Write
Max
Min
Max
Min
Max
Min
Max
Min
-15
-25
-35
Unit
15
0
12
0
20
0
15
0
25
0
18
0
35
0
20
0
12
12
0
9
15
15
0
11
18
18
0
13
25
25
0
15
ns
ns
ns
ns
ns
ns
ns
ns
t
AW
Address Valid to End of Write
Write Enable to Output in High Z
t
WZ
7
8
10
14
ns
Output Active from End of Write
t
OW
3333
ns
WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED)(11)


Similar Part No. - P4C165-20PC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C163-25CC PYRAMID-P4C163-25CC Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C163-25CCLF PYRAMID-P4C163-25CCLF Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C163-25CM PYRAMID-P4C163-25CM Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C163-25CMB PYRAMID-P4C163-25CMB Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
More results

Similar Description - P4C165-20PC

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com