Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1223H Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1223H
Description  2-Mbit (128K x 18) Pipelined DCD Sync SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1223H Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1223H Datasheet HTML 1Page - Cypress Semiconductor CY7C1223H Datasheet HTML 2Page - Cypress Semiconductor CY7C1223H Datasheet HTML 3Page - Cypress Semiconductor CY7C1223H Datasheet HTML 4Page - Cypress Semiconductor CY7C1223H Datasheet HTML 5Page - Cypress Semiconductor CY7C1223H Datasheet HTML 6Page - Cypress Semiconductor CY7C1223H Datasheet HTML 7Page - Cypress Semiconductor CY7C1223H Datasheet HTML 8Page - Cypress Semiconductor CY7C1223H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2-Mbit (128K x 18) Pipelined DCD Sync SRAM
CY7C1223H
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05674 Rev. *B
Revised February 6, 2006
Features
• Registered inputs and outputs for pipelined operation
• Optimal for performance (Double-Cycle deselect)
— Depth expansion without wait state
• 128K × 18-bit common I/O architecture
• 3.3V core power supply
• 3.3V/2.5V I/O supply
• Fast clock-to-output time
— 3.5 ns (for 166-MHz device)
— 4.0 ns (for 133-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel®
Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous Output Enable
• Offered in JEDEC-standard lead-free 100-pin TQFP
package
• “ZZ” Sleep Mode option
Functional Description[1]
The CY7C1223H SRAM integrates 128K x 18 SRAM cells with
advanced synchronous peripheral circuitry and a two-bit
counter for internal burst operation. All synchronous inputs are
gated by registers controlled by a positive-edge-triggered
Clock Input (CLK). The synchronous inputs include all
addresses, all data inputs, address-pipelining Chip Enable
(CE1), depth-expansion Chip Enables (CE2 and CE3), Burst
Control inputs (ADSC, ADSP, and ADV), Write Enables
(BW[A:B] and BWE), and Global Write (GW). Asynchronous
inputs include the Output Enable (OE) and the ZZ pin.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed Write cycle.This part supports Byte Write
operations (see Pin Descriptions and Truth Table for further
details). Write cycles can be one to two bytes wide as
controlled by the byte write control inputs. GW active LOW
causes all bytes to be written. This device incorporates an
additional pipelined enable register which delays turning off
the output buffers an additional cycle when a deselect is
executed.This feature allows depth expansion without penal-
izing system performance.
The CY7C1223H operates from a +3.3V core power supply
while all outputs operate with either a +3.3V/2.5V supply. All
inputs and outputs are JEDEC-standard JESD8-5-compatible.
Selection Guide
166 MHz
133 MHz
Unit
Maximum Access Time
3.5
4.0
ns
Maximum Operating Current
240
225
mA
Maximum CMOS Standby Current
40
40
mA
Note:
1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1223H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1223F CYPRESS-CY7C1223F Datasheet
328Kb / 15P
   2-Mb (128K x 18) Pipelined DCD Sync SRAM
CY7C1223F-133AC CYPRESS-CY7C1223F-133AC Datasheet
328Kb / 15P
   2-Mb (128K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1223H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1223F CYPRESS-CY7C1223F Datasheet
328Kb / 15P
   2-Mb (128K x 18) Pipelined DCD Sync SRAM
CY7C1326H CYPRESS-CY7C1326H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Pipelined Sync SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
   4-Mbit (128K x 36) Pipelined DCD Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_13 Datasheet
602Kb / 23P
   4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com