Electronic Components Datasheet Search |
|
P4C168-15DC Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation |
|
P4C168-15DC Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation |
3 / 15 page P4C168, P4C169, P4C170 Page 3 of 15 Document # SRAM107 REV A AC CHARACTERISTICS—READ CYCLE (V CC = 5V ± 10%, All Temperature Ranges) (2) § P4C168 only † P4C170 only ‡ Chip Select/Deselect for P4C169 and P4C170 Min Max Min Max Min Max Min Max Min Max tRC Read Cycle Time 12 15 20 25 35 ns tAA Address Access Time 12 15 20 25 35 ns tAC§ Chip Enable Access Time 12 15 20 25 35 ns tAC‡ Chip Select Access Time 8 9 12 15 20 ns tOH Output Hold from Address Change 22222 ns tLZ‡ Chip Enable to Output in Low Z 22222 ns tHZ† Chip Disable to Output in High Z 7 8 9 10 15 ns tOE† Output Enable to Data Valid 8 10 12 15 15 ns tOLZ† Output Enable to Output in Low Z 00000 ns tOHZ† Output Disable to Output in High Z 6 7 9 11 15 ns tRCS Read Command Setup Time 00000 ns tRCH Read Command Hold Time 00000 ns tPU§ Chip Enable to Power Up Time 00000 ns tPD§ Chip Disable to Power Down Time 12 15 20 25 35 ns Sym Parameter Unit -35 -12 -15 -20 -25 AC CHARACTERISTICS—READ CYCLE (CONTINUED) (V CC = 5V ± 10%, All Temperature Ranges) (2) Min Max Min Max Min Max tRC Read Cycle Time 45 55 70 ns tAA Address Access Time 45 55 70 ns tAC§ Chip Enable Access Time 45 55 70 ns tOH Output Hold from Address Change 2 2 2 ns tLZ‡ Chip Enable to Output in Low Z 2 2 2 ns tHZ† Chip Disable to Output in High Z 25 25 30 ns tRCS Read Command Setup Time 0 0 0 ns tRCH Read Command Hold Time 0 0 0 ns tPU§ Chip Enable to Power Up Time 0 0 0 ns tPD§ Chip Disable to Power Down Time 45 55 70 ns Sym Parameter Unit -45 -55 -70 |
Similar Part No. - P4C168-15DC |
|
Similar Description - P4C168-15DC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |