Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7015S Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7015S
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7015S Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7015S_06 Datasheet HTML 3Page - Integrated Device Technology IDT7015S_06 Datasheet HTML 4Page - Integrated Device Technology IDT7015S_06 Datasheet HTML 5Page - Integrated Device Technology IDT7015S_06 Datasheet HTML 6Page - Integrated Device Technology IDT7015S_06 Datasheet HTML 7Page - Integrated Device Technology IDT7015S_06 Datasheet HTML 8Page - Integrated Device Technology IDT7015S_06 Datasheet HTML 9Page - Integrated Device Technology IDT7015S_06 Datasheet HTML 10Page - Integrated Device Technology IDT7015S_06 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
6.42
IDT7015S/L
High-Speed 8K x 9 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
7
APRIL 04, 2006
NOTES:
1. Transition is measured 0mV from Low- or High-impedance voltage with load (Figures 1 and 2).
2. This parameter is guaranteed by device characterization but not tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL.
4. 'X' in part numbers indicates power rating (S or L).
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4)
7015X12
Com'l Only
7015X15
Com'l Only
7015X17
Com'l Only
Unit
Symbol
Parameter
Min.Max.Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
12
____
15
____
17
____
ns
tAA
Address Access Time
____
12
____
15
____
17
ns
tACE
Chip Enable Access Time
(3)
____
12
____
15
____
17
ns
tAOE
Output Enable Access Time
____
8
____
10
____
10
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time
(1,2)
3
____
3
____
3
____
ns
tHZ
Output High-Z Time
(1,2)
____
10
____
10
____
10
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
12
____
15
____
17
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)10
____
10
____
10
____
ns
tSAA
Semaphore Address Access Time
____
12
____
15
____
17
ns
2954 tbl 12a
7015X20
Com'l. Ind
& Military
7015X25
Com'l &
Military
7015X35
Com'l &
Military
Unit
Symbol
Parameter
Min.Max.Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
ns
tAA
Address Access Time
____
20
____
25
____
35
ns
tACE
Chip Enable Access Time(3)
____
20
____
25
____
35
ns
tAOE
Output Enable Access Time
____
12
____
13
____
20
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time
(1,2)
3
____
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
12
____
15
____
20
ns
tPU
Chip Enable to Power Up Time
(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
20
____
25
____
35
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)10
____
10
____
15
____
ns
tSAA
Semaphore Address Access Time
____
20
____
25
____
35
ns
2954 tbl 12b


Similar Part No. - IDT7015S_06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S20G IDT-IDT7015S20G Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S20GB IDT-IDT7015S20GB Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S20J IDT-IDT7015S20J Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S20JB IDT-IDT7015S20JB Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S20PF IDT-IDT7015S20PF Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7015S_06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com