Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5357 Datasheet(PDF) 4 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
Download  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 4 Page - PMC-Sierra, Inc

  PM5357 Datasheet HTML 1Page - PMC-Sierra, Inc PM5357 Datasheet HTML 2Page - PMC-Sierra, Inc PM5357 Datasheet HTML 3Page - PMC-Sierra, Inc PM5357 Datasheet HTML 4Page - PMC-Sierra, Inc PM5357 Datasheet HTML 5Page - PMC-Sierra, Inc PM5357 Datasheet HTML 6Page - PMC-Sierra, Inc PM5357 Datasheet HTML 7Page - PMC-Sierra, Inc PM5357 Datasheet HTML 8Page - PMC-Sierra, Inc PM5357 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
ISSUE
DATE
DETAIL
4
Dec, 1999
#1. Modified section 9.5 (UTOPIA and POS-PHY pin
description) and section 14.4 (Functional timing) to reflect
operation of the RPA signal (Receive POS-PHY L2 operation
requires data be qualified by RVAL).
#2 DC characteristics update (Section 16)
#3 Registers updated with correct defaults and descriptions:
Register 0X01, Bit 4 (TFPEN), Defaults To 1, Not 0
Register 0X08, Description Incorrect
Register 0X09 Description Incorrect
Register 0XC1, Bit 1 (DSCR), Defaults To 1, Not 0
Register 0XC4, Bit 3 (TPAHWM), Defaults To 0, Not 1
New Register 0XFC: Concatenation Status And Enable
New Register 0XFD: Concatenation Interrupt Status
New Register Bit Required For OC-3 Operation (Register 0X07)
Register 0X5E Bit 5 (RTYPE) To Enable LAN Or WAN
Performance
Register 0X00 Type Bits Incorrect
Loss Of Multi-frame Tributary AIS (LOMTUAIS) Bit 2 Incorrectly
Stated In Register 0X0D
#4 APS pin description modified
#5 Documented overflowing Transmit FIFO
#6 Updated TFCLK timing specifications, RFCLK timing
specifications
#7 Diagnostic Loop-back Clarification
#8
Bit Error Rate Monitor Table Update
#9
Receive Data Requires 3 RFCLK Cycles Before
Becoming Valid (Utopia Level 3 Only)
#10
TPAHWM Upper Limit
#11
Receive Line AIS Insertion Is Not Gated By ALLONES
#12 Large Power Supply Glitch (Beyond Specification) Can
Cause Clock Synthesis Unit To Lose Lock To Reference.


Similar Part No. - PM5357

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5357 PMC-PM5357 Datasheet
64Kb / 4P
   622 Mbit/s ATM and Packet Over SONET Physical Layer Device
PM5357 PMC-PM5357 Datasheet
35Kb / 2P
   622 Mbit/s ATM and Packet Over SONET Physical Layer Device
PM5357-1 PMC-PM5357-1 Datasheet
35Kb / 2P
   622 Mbit/s ATM and Packet Over SONET Physical Layer Device
PM5357-BI PMC-PM5357-BI Datasheet
1Mb / 307P
   SATURN USER NETWORK INTERFACE (622-MAX)
More results

Similar Description - PM5357

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5356 PMC-PM5356 Datasheet
1Mb / 307P
   SATURN USER NETWORK INTERFACE (622-MAX)
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
   SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
   SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
   SATURN USER NETWORK INTERFACE
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
   SATURN USER NETWORK INTERFACE (LITE)
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
   DUAL SATURN USER NETWORK INTERFACE
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
   SATURN USER NETWORK INTERFACE PLUS
PM5349 PMC-PM5349 Datasheet
1Mb / 252P
   SATURN USER NETWORK INTERFACE (155-QUAD)
PM5351 PMC-PM5351 Datasheet
1Mb / 393P
   SATURN USER NETWORK INTERFACE (155-TETRA)
PM5352 PMC-PM5352 Datasheet
699Kb / 77P
   SATURN USER NETWORK INTERFACE 155 (STAR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com