Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1026-20L32MB Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C1026-20L32MB
Description  ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1026-20L32MB Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C1026-20L32MB Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1026-20L32MB Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1026-20L32MB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1026-20L32MB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1026-20L32MB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1026-20L32MB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1026-20L32MB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1026-20L32MB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1026-20L32MB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Document # SRAM127 REV E
Revised April 2007
DESCRIPTION
The P4C1026 is a 1 Meg ultra high speed static RAM
organizedas256Kx4.TheCMOSmemoryrequiresnoclock
or refreshing and has equal access and cycle times. Inputs
and outputs are fully TTL-compatible. The RAM operates
from a single 5V±10% tolerance power supply. With battery
backup,dataintegrityismaintainedforsupplyvoltagesdown
to 2.0V.
TTL/CMOS Compatible Outputs
Fully TTL Compatible Inputs
Standard Pinout (JEDEC Approved)
– 28-Pin 300 mil SOJ
– 28-Pin 400 mil SOJ
– 28-Pin 400 mil Ceramic DIP
– 32-Pin Ceramic LCC
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 15/20/25/35 ns (Commercial/Industrial)
– 20/25/35 ns (Military)
Low Power
Single 5V±10% Power Supply
Data Retention with 2.0V Supply
Three-State Outputs
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
P4C1026
ULTRA HIGH SPEED 256K x 4
STATIC CMOS RAM
SOJ (J5, J7), DIP (C7)
Access times as fast as 15 nanoseconds are available,
permitting greatly enhanced system speeds. CMOS is
utilized to reduce power consumption.
TheP4C1026is availableina28-pin300miland400milSOJ
packages, as well as Ceramic DIP and LCC packages,
providing excellent board level densities.
LCC(L13)


Similar Part No. - P4C1026-20L32MB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1023 PYRAMID-P4C1023 Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CC PYRAMID-P4C1023-55CC Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CI PYRAMID-P4C1023-55CI Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CJC PYRAMID-P4C1023-55CJC Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CJI PYRAMID-P4C1023-55CJI Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
More results

Similar Description - P4C1026-20L32MB

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568L ISSI-IS61LV2568L Datasheet
75Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS61LV2568L-10TL-TR ETC2-IS61LV2568L-10TL-TR Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61LV2568 ISSI-IS61LV2568 Datasheet
88Kb / 8P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568 ISSI-IS61LV2568_03 Datasheet
45Kb / 9P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C25616AL ISSI-IS61C25616AL Datasheet
258Kb / 17P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Force Technologies Ltd
FTC41041 FORCE-FTC41041 Datasheet
1Mb / 11P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P3C1041 PYRAMID-P3C1041 Datasheet
291Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com