Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V84L15PAGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V84L15PAGI
Description  3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V84L15PAGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V84L15PAGI Datasheet HTML 4Page - Integrated Device Technology IDT72V84L15PAGI Datasheet HTML 5Page - Integrated Device Technology IDT72V84L15PAGI Datasheet HTML 6Page - Integrated Device Technology IDT72V84L15PAGI Datasheet HTML 7Page - Integrated Device Technology IDT72V84L15PAGI Datasheet HTML 8Page - Integrated Device Technology IDT72V84L15PAGI Datasheet HTML 9Page - Integrated Device Technology IDT72V84L15PAGI Datasheet HTML 10Page - Integrated Device Technology IDT72V84L15PAGI Datasheet HTML 11Page - Integrated Device Technology IDT72V84L15PAGI Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT72V81/72V82/72V83/72V84/72V85 3.3V CMOS DUAL ASYNCHRONOUS FIFO
512 x 9, 1024 x 9, 2048 x 9, 4096 x 9, 8192 x 9
JULY 17, 2006
USAGE MODES:
Width Expansion
Word width may be increased simply by connecting the corresponding
input control signals of multiple FIFOs. Status flags (
EF, FF and HF) can be
detected from any one FIFO. Figure 13 demonstrates an 18-bit word width by
usingthetwoFIFOscontainedintheIDT72V81/72V82/72V83/72V84/72V85s.
Any word width can be attained by adding FIFOs (Figure 13).
Bidirectional Operation
Applications which require data buffering between two systems (each
system capable of Read and Write operations) can be achieved by pairing
IDT72V81/72V82/72V83/72V84/72V85s as shown in Figure 16. Both Depth
Expansion and Width Expansion may be used in this mode.
Data Flow-Through
Two types of flow-through modes are permitted, a read flow-through
and write flow-through mode. For the read flow-through mode (Figure 17), the
FIFO permits a reading of a single word after writing one word of data into an
empty FIFO. The data is enabled on the bus in (tWEF + tA) ns after the rising
edge of
W,calledthefirstwriteedge,anditremainsonthe busuntilthe Rline
is raised from low-to-high, after which the bus would go into a three-state mode
after tRHZ ns. The
EFlinewouldhaveapulseshowingtemporarydeassertion
and then would be asserted.
In the write flow-through mode (Figure 18), the FIFO permits the writing
of a single word of data immediately after reading one word of data from a
full FIFO. The
Rline causes the FFto be deasserted but the Wline being low
causes it to be asserted again in anticipation of a new data word. On the rising
edgeof
W,thenewwordisloadedintheFIFO.TheWlinemustbetoggledwhen
FFisnotassertedtowritenewdataintheFIFOandtoincrementthewritepointer.
Compound Expansion
The two expansion techniques described above can be applied together
in a straightforward manner to achieve large FIFO arrays (see Figure 15).
Figure 12. Block Diagram of One 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 FIFO Used in Single Device Mode
Figure 13. Block Diagram of One 512 x 18, 1,024 x 18, 2,048 x 18, 4,096 x 18 and 8,192 x 18 FIFO Memory Used in Width Expansion Mode
XIA
XIB
9
9
18
9
18
HFB
HFA
9
WRITE (
W)
FULL FLAG (
FFA)
RESET (
RS)
READ (
R)
EMPTY FLAG (
EFB)
RETRANSMIT (
RT)
DATA OUT (Q)
3966 drw 15
FIFO A
FIFO B
72V81/72V82/72V83
72V84/72V85
DATA
(D)
IN
WRITE (
W)
DATA IN (D)
FULL FLAG (
FF)
RESET (
RS)
9
READ (
R)
9
DATA OUT (Q)
EMPTY FLAG (
EF)
RETRANSMIT (
RT)
EXPANSION IN (
XI)
(
HF)
IDT
72V81
72V82
72V83
72V84
72V85
(HALF-FULL FLAG)
3966 drw 14
FIFO
A or B


Similar Part No. - IDT72V84L15PAGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V84L15PA IDT-IDT72V84L15PA Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
More results

Similar Description - IDT72V84L15PAGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com