Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT823ATQ Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT823ATQ
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT823ATQ Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT823ATQ Datasheet HTML 1Page - Integrated Device Technology IDT74FCT823ATQ Datasheet HTML 2Page - Integrated Device Technology IDT74FCT823ATQ Datasheet HTML 3Page - Integrated Device Technology IDT74FCT823ATQ Datasheet HTML 4Page - Integrated Device Technology IDT74FCT823ATQ Datasheet HTML 5Page - Integrated Device Technology IDT74FCT823ATQ Datasheet HTML 6Page - Integrated Device Technology IDT74FCT823ATQ Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74FCT823AT/CT
HIGH-PERFORMANCECMOSBUSINTERFACEREGISTER
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2)
Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3)
Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
° C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Output and I/O terminals only.
Symbol
Parameter
(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
FUNCTION TABLE(1)
Internal/
Inputs
Outputs
OE
CLR
EN
Dx
CP
Qx
Yx
Function
HHL
L
L
Z
High Z
HHL
H
HZ
H
L
X
X
X
L
Z
Clear
LL
X
X
X
L
L
H
H
H
X
X
N C
Z
Hold
LH
HX
X
N C
N C
HHL
L
L
Z
Load
HHL
H
HZ
LH
L
L
LL
LH
L
H
HH
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
NC = No Change
↑ = LOW-to-HIGH Transition
Z = High Impedance
2
3
1
20
19
18
15
16
9
10
D6
D7
D2
D5
D3
D4
D8
23
22
24
21
17
5
6
7
4
8
D0
VCC
CP
OE
13
14
11
12
D1
GND
CLR
Y6
Y7
Y2
Y5
Y3
Y4
Y8
Y0
Y1
EN
SOIC/ QSOP
TOP VIEW
Pin Names
I/O
Description
Dx
I
D Flip-Flop Data Inputs
CLR
I
When the clear input is LOW and
OE is LOW, the
Qx outputs are LOW. When the clear input is HIGH,
data can be entered into the register.
C P
I
Clock Pulse for the Register; enters data into the
register on the LOW-to-HIGH transition.
Y x
O
Register 3-State Outputs
EN
I
Clock Enable. When the clock enable is LOW, data
on the Dx output is transferred to the Qx output on the
LOW-to-HIGH transition. When the clock enable is
HIGH, the Qx outputs do not change state, regardless
of the data or clock input transitions.
OE
I
Output Control. When the
OE is HIGH, the Yx
outputs are in the high-impedance state. When the
OE is LOW, the TRUE register data is present at the
Yx outputs.
PIN DESCRIPTION


Similar Part No. - IDT74FCT823ATQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT823ATQ IDT-IDT74FCT823ATQ Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT823ATQB IDT-IDT74FCT823ATQB Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
More results

Similar Description - IDT74FCT823ATQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
IDTQS74FCT2821AT IDT-IDTQS74FCT2821AT Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
IDTQS74FCT2374T IDT-IDTQS74FCT2374T Datasheet
51Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 8-BIT REGISTER
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
logo
Integrated Device Techn...
IDT74FCT861A IDT-IDT74FCT861A Datasheet
90Kb / 8P
   HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com