Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5363 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5363
Description  SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5363 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5363 Datasheet HTML 1Page - PMC-Sierra, Inc PM5363 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-1981272 (R3)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
 2001PMC-Sierra, Inc.
PM5363
PMC-Sierra,Inc.
VT/TU Payload Processor/Performance Monitor for 622 Mbit/s
TUPP+622
FEATURES
The TUPP+622 chip offers the following
features:
• A configurable, multi-channel, payload
processor for alignment of SONET
Virtual Tributaries or SDH Tributary
Units in an STS-12/STM-4 or four
STS-3/STM-1 byte serial data streams.
Configurable to process any legal mix
of tributaries.
• Provides independently-configurable
AU3/AU4 frame format on incoming
and outgoing directions.
• Compensates for pleisiochronous
relationships between incoming and
outgoing higher level (STS-1 to AU3)
synchronous payload envelope frame
rates through processing of the lower
level (VT6 to TU11) tributary pointers.
• Provides for multiframe
synchronization or ring closure at the
head-end node in a SONET/SDH ring.
• Optionally frames to the H4 byte in the
Path overhead to determine tributary
multiframe boundaries.
• Inserts valid pointers, and all-zeros
transport overhead bytes on the
outgoing stream with valid
“Telecombus” control signals.
• Independently-configurable incoming
and outgoing interfaces that operate in
19.44 MHz or 77.76 MHz byte
interface modes.
• Provides a standard JTAG test port for
boundary scan board test purposes.
• Provides a generic 8-bit
microprocessor bus interface.
• Low power 2.5V CMOS core logic/3.3V
TTL compatible inputs and outputs
• Available in a 304-pin SBGA package.
• Supports industrial temperature range
(-40°C to 85°C) operation.
PER-TRIBUTARY
FUNCTIONS
The TUPP+622 chip offers the following
per-tributary functions:
• Detects Loss Of Pointer and
reacquisition.
• Performs lower channel supervision for
Intermediate Performance Monitoring
in SONET/SDH rings.
• Extracts and serializes the entire
tributary Path overhead of each
tributary.
• Detects tributary elastic store
underflow and overflow errors.
• Stores and processes 16-byte or
64-byte format tributary Path trace
messages (tributary trail trace
identifiers). Detects tributary Path
Trace Mismatch and unstable alarms.
• Detects tributary Path Signal Label
Mismatch and unstable alarms.
• Extracts tributary Path signal label into
internal registers and detects Change
of Tributary Path Signal Label events
for each tributary.
• Detects tributary unequipped defect,
tributary Path Defect Indication, and
the assertion and removal of tributary
extended Remote Defect Indications.
• Extracts and stores tributary size bits.
• Calculates and compares the tributary
Path BIP-2 error detection code.
Accumulates the BIP-2 errors and
tributary Path Remote Error Indications
on a block or bit basis.
• Supports in-band error reporting by
updating REI, RDI, and auxiliary RDI
bits in the V5 byte (G1 in TU3) with the
status of the incoming stream.
• Optionally generates tributary Path AIS
on the detection of LOP, loss of
tributary multiframe, trace identifier
unstable, trace identifier mismatch,
signal label unstable, and/or signal
label mismatch. Also allows software
to force AIS insertion.
• Under software control, allows
insertion of all-zeros or all-ones
tributary idle code with unequipped
indication.
APPLICATIONS
Use the TUPP+622 chip in the following
applications:
• SONET/SDH Add/Drop and Terminal
Multiplexers
• SONET/SDH Broadband
Cross-Connects
• SONET/SDH and ATM Test Equipment
BLOCK DIAGRAM
SCLK
HSCLK
IHSMODEB
OHSMODEB
GSCLK [1:0]
IC1J1[4:1]
IPL [4:1]
ITMF [4:1]
ITPL [4:1]
ITV5 [4:1]
TCK
TMS
TDI
TRSTB
ID [31:0]
IDP [4:1]
IAIS [4:1]
TDO
INTB
OTMF [4:1]
GSCLK_FP
ODP [4:1]
OTPL [4:1]
OTV5[4:1]
OD [31:0]
AIS [4:1]
IDLE [4:1]
COUT [4:1]
TPOH [4:1]
RAD [4:1]
POHCK
POHEN [12:1]
POHFP [12:1]
POH [12:1]
OPL [4:1]
OC1J1V1[4:1]
RSTB
MBEB
RDB
WRB
ALE
A [13:0]
D [7:0]
CSB
STM-1 (STS-3)
Tributary Processor (STP) x4
Tributary Path
Overhead
Processor (RTOP)
Tributary Trace
Buffer (RTTB)
Tributary Path
Overhead
Processor (RTOP)
Tributary Trace
Buffer (RTTB)
Tributary Path
Overhead
Processor (RTOP)
Tributary Trace
Buffer (RTTB)


Similar Part No. - PM5363

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5363 PMC-PM5363 Datasheet
48Kb / 2P
   VT/TU Payload Processor/Performance Monitor for 622 Mbit/s
More results

Similar Description - PM5363

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5364 PMC-PM5364 Datasheet
68Kb / 2P
   SONET/SDH Tributary Unit Payload Processor for 2488.32 Mbit/s
PM5361TUPP PMC-PM5361TUPP Datasheet
363Kb / 108P
   SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
   SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
   SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5362 PMC-PM5362 Datasheet
1Mb / 2P
   SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR / PERFORMANCE MONITOR
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
   SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5369 PMC-PM5369 Datasheet
73Kb / 2P
   Tributary Unit Payload Processor for 9953 Mbit/s
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
   SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
PM5317 PMC-PM5317 Datasheet
82Kb / 2P
   SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s
PM5319 PMC-PM5319 Datasheet
46Kb / 2P
   SONET/SDH Interface for 622 & 155 Mbit/s
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com