Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1049L-55FS36MB Datasheet(PDF) 10 Page - Pyramid Semiconductor Corporation

Part # P4C1049L-55FS36MB
Description  HIGH SPEED 512K x 8 STATIC CMOS RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1049L-55FS36MB Datasheet(HTML) 10 Page - Pyramid Semiconductor Corporation

Back Button P4C1049L-55FS36MB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1049L-55FS36MB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1049L-55FS36MB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1049L-55FS36MB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1049L-55FS36MB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1049L-55FS36MB Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1049L-55FS36MB Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1049L-55FS36MB Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C1049L-55FS36MB Datasheet HTML 12Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
P4C1049
Page 10 of 12
Document # SRAM128 REV OR
Pkg #
# Pins
Symbol
Min
Max
A
0.130
0.145
A1
0.082
-
b
0.015
0.020
C
0.007
0.013
D
0.920
0.930
e
E
0.435
0.445
E1
0.395
0.405
E2
Q
0.045
0.055
J9
36
0.050 BSC
0.370 BSC
SOLDER SEAL FLATPACK
SOJ SMALL OUTLINE IC PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A
0.089
0.125
b
0.015
0.019
c
0.003
0.007
D
0.910
0.930
E
0.505
0.515
E1
-
0.530
E2
0.385
0.395
E3
0.055
0.065
e
L
0.300
0.350
Q
0.015
0.038
S-
0.045
M
-
0.0015
N
FS-4
36
0.050 BSC
36


Similar Part No. - P4C1049L-55FS36MB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10JC PYRAMID-P4C1041-10JC Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10JI PYRAMID-P4C1041-10JI Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10TC PYRAMID-P4C1041-10TC Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10TI PYRAMID-P4C1041-10TI Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results

Similar Description - P4C1049L-55FS36MB

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61LV5128 ICSI-IC61LV5128 Datasheet
157Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
   512K X 8, CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com