Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2W2 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # 2W2
Description  EDI Single-1 to 12 Amperes Commercial Grade Bridges
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

2W2 Datasheet(HTML) 1 Page - Electronic devices inc.

  2W2 Datasheet HTML 1Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
W
PRV/Leg
50V
100V
200V
400V
600V
800V
1000V
1W SERIES 1 Amp
1W005
1W1
1W2
1W4
1W6
1W8
1W10
W SERIES 1.5 Amp
W005
W1
W2
W4
W6
W8
W10
2W SERIES 2 Amp
2W005
2W1
2W2
2W4
2W6
2W8
2W10
1W
W
2W
Series
Series
Series
Average Output Current, IO @ 50º
1
1.5
2
Amp
10
10
10
µA
30
50
5030
Amp
RB15
RB15
WOB
21 GRAYOAKS AVENUE YONKERS, NEW YORK, 10710
914-965-4400
1-800-678-0828
FAX:
914-965-5531
e-mail: sales@EDIdiodes.com web site: www.EDIdiodes.com
EDI Single-1 to 12 Amperes Commercial Grade Bridges
ELECTRONIC DEVICES, INC. DESIGNER AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
EDI reserves the right to change these specifications at any time without notice.
DIAGRAMS
Electrical Characteristics
at TA = 25º C Unless Otherwise Specified
Max. DC Reverse Current @ PRV IR
Max Peak Surge Current, IFSM (8.3ms)
Package Style
UNIT


Similar Description - 2W2

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PK-F EDI-PK-F Datasheet
52Kb / 2P
   MINIBRIDGE 12 AMPERES-TAB TERMINALS SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
DY05F EDI-DY05F Datasheet
50Kb / 2P
   12 AMPERES HIGH SURGE TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
logo
Pan Jit International I...
AM150 PANJIT-AM150 Datasheet
41Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
W005G PANJIT-W005G_06 Datasheet
50Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
logo
Electronic devices inc.
BRUS7 EDI-BRUS7 Datasheet
55Kb / 2P
   ULTRA-FAST RECOVERY Approximately 25 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES
logo
Pan Jit International I...
W005G PANJIT-W005G Datasheet
49Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
AM100 PANJIT-AM100 Datasheet
42Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
logo
Powersem GmbH
PSB41 POWERSEM-PSB41 Datasheet
158Kb / 2P
   Single Phase Rectifier Bridges
PSB50 POWERSEM-PSB50 Datasheet
119Kb / 1P
   Single Phase Rectifier Bridges
PSB61 POWERSEM-PSB61 Datasheet
169Kb / 2P
   Single Phase Rectifier Bridges
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com