Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMO Datasheet(PDF) 2 Page - Electronic devices inc.

Part # KMO
Description  HIGH VOLTAGE RECTIFIER ASSEMBLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

KMO Datasheet(HTML) 2 Page - Electronic devices inc.

  KMO Datasheet HTML 1Page - Electronic devices inc. KMO Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
75
50
25
0
0
25
50
75
100
125
150
FIG.1
OUTPUT CURRENT vs CASE TEMPERATURE
FIG.2
NON-REPETITIVE SURGE CURRENT
100
75
50
25
0
1
2
3
4
5 6 7
9 10
20
30
40 50 60
8
CYCLES(60 Hz)
KMO
KVO
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
CASE TEMPERATURE (
OC)
0.1SEC
1.0SEC
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.ediediodes.com
*
FIG.3
EDI reserves the right to change these specifications at any time without notice.
CASE OUTLINE
ALL DIMENSIONS IN INCHES
.340 MAX.
.750
.340 MAX.
.032 x .250 TAB TERMINALS TYP.
.250
.372
.388
.745
.775
.165 .50
2.00
1.67
3.00 MAX.
.37 TYP.
KMO
KVO
Heat sink mounting pad temperature=Case temperaure(Tc)


Similar Part No. - KMO

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3011 COSMO-KMOC3011 Datasheet
76Kb / 6P
   PRODUCT SPECIFICATION
KMOC3011 COSMO-KMOC3011 Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3011H COSMO-KMOC3011H Datasheet
81Kb / 6P
   PRODUCT SPECIFICATION
KMOC3011H COSMO-KMOC3011H Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3011L COSMO-KMOC3011L Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - KMO

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
HV07-08 FRONTIER-HV07-08 Datasheet
121Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLIES
logo
Electronic devices inc.
HTD EDI-HTD Datasheet
41Kb / 2P
   Operation High Voltage Rectifier Assemblies
KHP EDI-KHP Datasheet
57Kb / 2P
   KILOVOLT HIGH CURRENT RECTIFIER ASSEMBLIES
KVP5 EDI-KVP5 Datasheet
49Kb / 2P
   KILOVOLT RECTIFIER ASSEMBLIES
logo
Powerex Power Semicondu...
PAA6T6200620 POWEREX-PAA6T6200620 Datasheet
1Mb / 2P
   Rectifier & SCR Assemblies
logo
Microsemi Corporation
EFH3016 MICROSEMI-EFH3016 Datasheet
70Kb / 1P
   HIGH VOLTAGE ENCAPSULATED ASSEMBLIES EF HALF WAVE SERIES
EFH16 MICROSEMI-EFH16 Datasheet
70Kb / 1P
   HIGH VOLTAGE ENCAPSULATED ASSEMBLIES EF HALF WAVE SERIES
K3420B1EB1S MICROSEMI-K3420B1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
   HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
   HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com