Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1737 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SB1737
Description  PNP Epitaxial Planar Silicon Darlington Transistor Driver Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SB1737 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SB1737 Datasheet HTML 1Page - Sanyo Semicon Device 2SB1737 Datasheet HTML 2Page - Sanyo Semicon Device 2SB1737 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB1737
No.8401-2/3
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-ON Time
ton
See specified Test Circuit.
0.9
µs
Storage Time
tstg
See specified Test Circuit.
4.0
µs
Fall Time
tf
See specified Test Circuit.
3.0
µs
Package Dimensions
Switching Time Test Circuit
unit : mm
7503-003
14.0
15.6
4.8
2.0
3.2
1.6
1.0
0.6
5.45
5.45
12 3
0.6
2.0
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-3PB
Collector-to-Emitter Voltage, VCE -- V
VCE(sat) -- IC
Collector Current, IC -- A
hFE -- IC
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
Collector Current, IC -- A
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
0
--0.2 --0.4 --0.6 --0.8 --1.0
--3.0
--1.2 --1.4 --1.6 --1.8 --2.0 --2.2 --2.4 --2.6 --2.8
0
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
0
IT06677
IT06678
--1.0
--1.5
--2.5
--0.5
--3.0
--3.5
--4.5
--2.0
--4.0
--5.0
IB=0µA
--400µA
--600µA
--800µA
VCE= --5V
--2mA
--1mA
from above
--10mA
--9mA
--8mA
--7mA
--6mA
--5mA
--4mA
--3mA
--0.1
--1.0
23
5
7
23
5
7
--10
IT06679
IT06680
23
5
7
23
5
7
--1.0
--0.1
--10
100
10000
2
3
5
100000
7
1000
2
3
5
7
2
3
5
7
--0.1
--1.0
5
7
2
3
5
7
2
3
--10
Ta=120
°C
25°
C
--40
°C
Ta= --40°C
25°C
VCE= --5V
IC / IB=500
120°C
VBE=5V
VCC= --50V
INPUT
OUTPUT
100
µF
470
µF
50
RB
RL
VR
IC= --500IB1= --500IB2= --6.5A
T.U.T
++
PW=50
µs
D.C.
≤1%
IB1
IB2
R1
R2


Similar Part No. - 2SB1737

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SB173 ETC2-2SB173 Datasheet
74Kb / 2P
   Ge PNP Alloy Junction
logo
Rohm
2SB1730 ROHM-2SB1730 Datasheet
68Kb / 3P
   General purpose amplification(-12V, -2A)
2SB1730 ROHM-2SB1730 Datasheet
76Kb / 3P
   General purpose amplification(−12V, −2A)
2SB1730 ROHM-2SB1730_1 Datasheet
76Kb / 3P
   General purpose amplification(−12V, −2A)
2SB1731 ROHM-2SB1731 Datasheet
74Kb / 3P
   Low frequency amplifier
More results

Similar Description - 2SB1737

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1664 SANYO-2SB1664 Datasheet
43Kb / 4P
   PNP Epitaxial Planar Silicon Darlington Transistor Driver Applications
2SD1914 SANYO-2SD1914 Datasheet
595Kb / 7P
   NPN EPITAXIAL PLANAR SILICON DARLINGTON TRANSISTOR DRIVER APPLICATIONS
FP208 SANYO-FP208 Datasheet
98Kb / 3P
   PNP Epitaxial Planar Silicon Transistor Driver Applications
FP213 SANYO-FP213 Datasheet
88Kb / 3P
   PNP Epitaxial Planar Silicon Transistor Motor Driver Applications
logo
KEC(Korea Electronics)
MPSA77 KEC-MPSA77 Datasheet
65Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (DARLINGTON TRANSISTOR)
logo
Sanyo Semicon Device
FP210 SANYO-FP210 Datasheet
98Kb / 3P
   NPN Epitaxial Planar Silicon Transistor Driver Applications
FP211 SANYO-FP211 Datasheet
95Kb / 3P
   NPN Epitaxial Planar Silicon Transistor Driver Applications
FP209 SANYO-FP209 Datasheet
95Kb / 3P
   NPN Epitaxial Planar Silicon Transistor Driver Applications
logo
Panasonic Semiconductor
2SB1180 PANASONIC-2SB1180 Datasheet
102Kb / 4P
   Silicon PNP epitaxial planar type darlington
2SB939 PANASONIC-2SB939 Datasheet
73Kb / 3P
   Silicon PNP epitaxial planar type Darlington
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com