Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5945-UTP5 Datasheet(PDF) 3 Page - PMC-Sierra, Inc

Part # PM5945-UTP5
Description  ATM PHYSICAL INTERFACE APPLICATION BOARD FOR CAT-5 UTP
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5945-UTP5 Datasheet(HTML) 3 Page - PMC-Sierra, Inc

  PM5945-UTP5 Datasheet HTML 1Page - PMC-Sierra, Inc PM5945-UTP5 Datasheet HTML 2Page - PMC-Sierra, Inc PM5945-UTP5 Datasheet HTML 3Page - PMC-Sierra, Inc PM5945-UTP5 Datasheet HTML 4Page - PMC-Sierra, Inc PM5945-UTP5 Datasheet HTML 5Page - PMC-Sierra, Inc PM5945-UTP5 Datasheet HTML 6Page - PMC-Sierra, Inc PM5945-UTP5 Datasheet HTML 7Page - PMC-Sierra, Inc PM5945-UTP5 Datasheet HTML 8Page - PMC-Sierra, Inc PM5945-UTP5 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM5945 -UTP5
PMC-940202 ISSUE 2. APRIL 7, 1995
APP_SAPI_UTP5
______________________________________________________________________________________________
______________________________________________________________________________________________
ii
List of Figures
Figure 1: Receive Functional Timing..........................................................................19
Figure 2: Receive Interface Timing.............................................................................21
Figure 3: Transmit Functional Timing.........................................................................22
Figure 4: Transmit Interface Timing............................................................................24
Figure 5: Microprocessor Interface Read Timing.....................................................26
Figure 6: Microprocessor Interface Write Timing .....................................................27
Figure 7: SAPI_UTP5 Drawing ..................................................................................30
Figure 8: Edge Connector Mechanical Drawing......................................................30


Similar Part No. - PM5945-UTP5

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM594 ARTESYN-PM594 Datasheet
65Kb / 3P
   Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
PM594DS ARTESYN-PM594DS Datasheet
65Kb / 3P
   Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
More results

Similar Description - PM5945-UTP5

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6672 MICRO-LINEAR-ML6672 Datasheet
248Kb / 8P
   ATM UTP Transceiver
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
   25 Mbps ATM Transmit and Receive, UTP Interface
logo
PMC-Sierra, Inc
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
   LOCAL ATM SAR & PHYSICAL LAYER
logo
Micro Linear Corporatio...
ML6674 MICRO-LINEAR-ML6674 Datasheet
166Kb / 8P
   ATM 155Mbps UTP Transceiver
logo
Qualtek Electronics Cor...
1226012-07 QUALTEK-1226012-07 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226013-10 QUALTEK-1226013-10 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226017-14 QUALTEK-1226017-14 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1225024-25 QUALTEK-1225024-25 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
1225037-10 QUALTEK-1225037-10 Datasheet
430Kb / 1P
   CAT 5e UTP 8P8C
1226006-03 QUALTEK-1226006-03 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com