Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72220 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72220
Description  CMOS SyncFIFO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72220 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72220 Datasheet HTML 3Page - Integrated Device Technology IDT72220 Datasheet HTML 4Page - Integrated Device Technology IDT72220 Datasheet HTML 5Page - Integrated Device Technology IDT72220 Datasheet HTML 6Page - Integrated Device Technology IDT72220 Datasheet HTML 7Page - Integrated Device Technology IDT72220 Datasheet HTML 8Page - Integrated Device Technology IDT72220 Datasheet HTML 9Page - Integrated Device Technology IDT72220 Datasheet HTML 10Page - Integrated Device Technology IDT72220 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
COMMERCIALTEMPERATURERANGE
IDT72420/72200/72210/72220/72230/72240 CMOS SYNCFIFO™
64 x 8, 256 x 8, 512 x 8, 1,024 x 8, 2,048 x 8, 4,096 x 8
FEBRUARY 10, 2006
WCLK
D0 - D7
WEN
RCLK
EF
Q0 - Q7
REN
tDS
tSKEW1
tFRL
tENS
tREF
tA
D0
D1
(first valid write)
tOLZ
(1)
tENS
D2
D3
OE
tOE
tA
D0
D1
2680 drw 07
NOTE:
1.
tSKEW1 is the minimum time between a rising WCLK edge and a rising RCLK edge for
EF to change during the current clock cycle. If the time between the rising edge of WCLK and the
rising edge of RCLK is less than tSKEW1, then
EF may not change state until the next RCLK edge.
Figure 4. Read Cycle Timing
Figure 5. First Data Word Latency Timing
NOTE:
1.
When tSKEW1
≥ minimum specification, tFRL maximum = tCLK + tSKEW1
When tSKEW1 < minimum specification, tFRL maximum = 2tCLK + tSKEW1 or tCLK + tSKEW1
The Latency Timing apply only at the Empty Boundary (
EF = LOW).
NO OPERATION
RCLK
REN
EF
tCLK
tCLKH
tCLKL
tENS
tENH
tREF
tREF
VALID DATA
tA
tOLZ
tOE
Q0 - Q7
OE
WCLK
(1)
tSKEW1
WEN
tOHZ
2680 drw 06


Similar Part No. - IDT72220

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72220 IDT-IDT72220 Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72220 IDT-IDT72220 Datasheet
258Kb / 11P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72220 RENESAS-IDT72220 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72220L12TC IDT-IDT72220L12TC Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72220L12TCB IDT-IDT72220L12TCB Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
More results

Similar Description - IDT72220

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com