Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72240 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72240
Description  CMOS SyncFIFO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72240 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72240 Datasheet HTML 2Page - Integrated Device Technology IDT72240 Datasheet HTML 3Page - Integrated Device Technology IDT72240 Datasheet HTML 4Page - Integrated Device Technology IDT72240 Datasheet HTML 5Page - Integrated Device Technology IDT72240 Datasheet HTML 6Page - Integrated Device Technology IDT72240 Datasheet HTML 7Page - Integrated Device Technology IDT72240 Datasheet HTML 8Page - Integrated Device Technology IDT72240 Datasheet HTML 9Page - Integrated Device Technology IDT72240 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
COMMERCIALTEMPERATURERANGE
IDT72420/72200/72210/72220/72230/72240 CMOS SYNCFIFO™
64 x 8, 256 x 8, 512 x 8, 1,024 x 8, 2,048 x 8, 4,096 x 8
FEBRUARY 10, 2006
NOTE:
1.
tSKEW1 is the minimum time between a rising RCLK edge and a rising WCLK edge for
FF to change during the current clock cycle. If the time between the rising edge of RCLK and the
rising edge of WCLK is less than tSKEW1, then
FF may not change state until the next WCLK edge.
Figure 3. Write Cycle Timing
NOTES:
1.
After reset, the outputs will be LOW if
OE = 0 and three-state if OE = 1.
2.
The Clocks (RCLK, WCLK) can be free-running during reset.
Figure 2. Reset Timing
tRS
tRSR
RS
REN
tRSF
tRSF
EF, AE
FF, AF
Q0 - Q7
WEN
tRSS
tRSF
tRSR
tRSS
OE = 1(1)
OE = 0
2680 drw 04
WCLK
D0 - D7
WEN
FF
tCLK
tCLKH
tCLKL
tDS
tENS
tDH
tENH
tWFF
tWFF
DATA IN VALID
RCLK
(1)
tSKEW1
REN
NO OPERATION
2680 drw 05


Similar Part No. - IDT72240

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72240 IDT-IDT72240 Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72240 IDT-IDT72240 Datasheet
258Kb / 11P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72240 RENESAS-IDT72240 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72240L12TC IDT-IDT72240L12TC Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72240L12TCB IDT-IDT72240L12TCB Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
More results

Similar Description - IDT72240

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com