Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72240L10TPG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72240L10TPG
Description  CMOS SyncFIFO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72240L10TPG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72240L10TPG Datasheet HTML 3Page - Integrated Device Technology IDT72240L10TPG Datasheet HTML 4Page - Integrated Device Technology IDT72240L10TPG Datasheet HTML 5Page - Integrated Device Technology IDT72240L10TPG Datasheet HTML 6Page - Integrated Device Technology IDT72240L10TPG Datasheet HTML 7Page - Integrated Device Technology IDT72240L10TPG Datasheet HTML 8Page - Integrated Device Technology IDT72240L10TPG Datasheet HTML 9Page - Integrated Device Technology IDT72240L10TPG Datasheet HTML 10Page - Integrated Device Technology IDT72240L10TPG Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT72420/72200/72210/72220/72230/72240 CMOS SYNCFIFO™
64 x 8, 256 x 8, 512 x 8, 1,024 x 8, 2,048 x 8, 4,096 x 8
FEBRUARY 10, 2006
Figure 10. Block Diagram of Single 64 x 8, 256 x 8, 512 x 8, 1,024 x 8, 2,048 x 8, 4,096 x 8 Synchronous FIFO
WIDTH EXPANSION CONFIGURATION - Word width may be increased
simply by connecting the corresponding input control signals of multiple
devices. A composite flag should be created for each of the endpoint status
flags (
EF and FF) The partial status flags (AE and AF) can be detected from
any one device. Figure 11 demonstrates a 16-bit word width by using two
IDT72420/72200/72210/72220/72230/72240s. Any word width can be
attained by adding additional IDT72420/72200/72210/72220/72230/72240s.
Figure 11. Block Diagram of 64 x 16, 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, 4,096 x 16
Synchronous FIFO Used in a Width Expansion Configuration
WRITE CLOCK (WCLK)
READ CLOCK (RCLK)
READ ENABLE (REN)
OUTPUT ENABLE (OE)
FULL FLAG (FF)
ALMOST-FULL (AF)
EMPTY FLAG (EF)
ALMOST-EMPTY(AE)
IDT
72420
72200
72210
72220
72230
72240
RESET (RS)
WRITE ENABLE (WEN)
DATA IN (D0-D7)
DATA OUT (Q0-Q7)
2680 drw 12
WRITE CLOCK (WCLK)
DATA IN (D)
IDT
72420
72200
72210
72220
72230
72240
16
8
8
8
RESET (RS)
RESET (RS)
WRITE ENABLE (WEN)
FULL FLAG (FF) #1
ALMOST-FULL (AF)
FULL FLAG (FF) #2
IDT
72420
72200
72210
72220
72230
72240
8
16
READ CLOCK (RCLK)
READ ENABLE (REN)
OUTPUT ENABLE (OE)
ALMOST-EMPTY (AE)
EMPTY FLAG (EF) #1
EMPTY FLAG (EF) #2
DATA OUT(Q)
2680 drw 13
OPERATING CONFIGURATIONS
SINGLE DEVICE CONFIGURATION - A single IDT72420/72200/72210/
72220/72230/72240 may be used when the application requirements are
for 64/256/512/1,024/2,048/4,096 words or less. See Figure 10.


Similar Part No. - IDT72240L10TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72240L12TC IDT-IDT72240L12TC Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72240L12TCB IDT-IDT72240L12TCB Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72240L12TP IDT-IDT72240L12TP Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72240L12TPB IDT-IDT72240L12TPB Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72240L15TC IDT-IDT72240L15TC Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
More results

Similar Description - IDT72240L10TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com