Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT807BT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT807BT
Description  FAST CMOS 1-TO-10 CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT807BT Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT807BT_05 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT807BT_05 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT807BT_05 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT807BT_05 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT807BT_05 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT807BT_05 Datasheet HTML 6Page - Integrated Device Technology IDT74FCT807BT_05 Datasheet HTML 7Page - Integrated Device Technology IDT74FCT807BT_05 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
NOTES:
1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. tPLH, tPHL, tSK(t) are production tested. All other parameters guaranteed but not production tested.
4. Propagation delay range indicated by Min. and Max. limit is due to VCC, operating temperature and process parameters. These propagation delay limits do not imply skew.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - COMMERCIAL(3,4)
FCT807BT
FCT807CT
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
1.3
2.7
1.3
2.5
ns
tPHL
tR
Output Rise Time
1.5
1.5
ns
tF
OutputFallTime
1.5
1.5
ns
tSK(O)
Output skew: skew between outputs of all banks of
0.5
0.25
ns
samepackage(inputstiedtogether)
tSK(P)
Pulse skew: skew between opposite transitions
0.5
0.35
ns
of same output (|tPHL-–tPLH|)
tSK(T)
Package skew: skew between outputs of different
0.9
0.65
ns
packages at same power supply voltage,
temperature, package type and speed grade
50
Ω to VCC/2,
CL = 10pF
(See figure 1)
or 50
Ω ac
termination,
CL = 10pF
(See figure 2)
f
≤ 100MHz
Outputs connected in
groups of two
FCT807BT
FCT807CT
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
1.5
3.8
1.5
3.5
ns
tPHL
tR
Output Rise Time
1.5
1.5
ns
tF
OutputFallTime
1.5
1.5
ns
tSK(O)
Output skew: skew between outputs of all banks of
0.5
0.25
ns
samepackage(inputstiedtogether)
tSK(P)
Pulse skew: skew between opposite transitions
0.5
0.35
ns
of same output (|tPHL-–tPLH|)
tSK(T)
Package skew: skew between outputs of different
0.9
0.75
ns
packages at same power supply voltage,
temperature, package type and speed grade
CL = 30pF
f
≤ 67MHz
(See figure 3)
FCT807BT
FCT807CT
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
1.5
3.8
1.5
3.5
ns
tPHL
tR
Output Rise Time
1.5
1.5
ns
tF
OutputFallTime
1.5
1.5
ns
tSK(O)
Output skew: skew between outputs of all banks of
0.5
0.35
ns
samepackage(inputstiedtogether)
tSK(P)
Pulse skew: skew between opposite transitions
0.6
0.45
ns
of same output (|tPHL-–tPLH|)
tSK(T)
Package skew: skew between outputs of different
1
0.75
ns
packages at same power supply voltage,
temperature, package type and speed grade
CL = 30pF
f
≤ 40MHz
(See figure 4)


Similar Part No. - IDT74FCT807BT_05

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT_09 Datasheet
87Kb / 8P
   FAST CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - IDT74FCT807BT_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT807BT RENESAS-IDT74FCT807BT Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT IDT-IDT74FCT807BT_09 Datasheet
87Kb / 8P
   FAST CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com