Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72220L10TPG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72220L10TPG
Description  CMOS SyncFIFO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72220L10TPG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72220L10TPG Datasheet HTML 3Page - Integrated Device Technology IDT72220L10TPG Datasheet HTML 4Page - Integrated Device Technology IDT72220L10TPG Datasheet HTML 5Page - Integrated Device Technology IDT72220L10TPG Datasheet HTML 6Page - Integrated Device Technology IDT72220L10TPG Datasheet HTML 7Page - Integrated Device Technology IDT72220L10TPG Datasheet HTML 8Page - Integrated Device Technology IDT72220L10TPG Datasheet HTML 9Page - Integrated Device Technology IDT72220L10TPG Datasheet HTML 10Page - Integrated Device Technology IDT72220L10TPG Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
COMMERCIALTEMPERATURERANGE
IDT72420/72200/72210/72220/72230/72240 CMOS SYNCFIFO™
64 x 8, 256 x 8, 512 x 8, 1,024 x 8, 2,048 x 8, 4,096 x 8
FEBRUARY 10, 2006
NOTES:
1.
tSKEW2 is the minimum time between a rising RCLK edge and a rising WCLK edge for
AF to change during the current clock cycle. If the time between the rising edge of RCLK and the
rising edge of WCLK is less than tSKEW2, then
AF may not change state until the next WCLK edge.
2.
If a write is performed on this rising edge of the Write Clock, there will be Full - 6 words in the FIFO when
AF goes LOW.
Figure 8. Almost Full Flag Timing
NOTES:
1.
tSKEW2 is the minimum time between a rising WCLK edge and a rising RCLK edge for
AE to change during the current clock cycle. If the time between the rising edge of WCLK and the
rising edge of RCLK is less than tSKEW2, then
AE may not change state until the next RCLK edge.
2.
If a read is performed on this rising edge of the Read Clock, there will be Empty - 6 words in the FIFO when
AE goes LOW.
Figure 9. Almost Empty Flag Timing
WCLK
WEN
tENS
AE
tENH
tCLKH
tCLKL
tAE
RCLK
REN
tENS
Empty+7
Empty+8
tSKEW2
(1)
tENH
(2)
tAE
2680 drw 11
WCLK
WEN
tENS
AF
tENH
tCLKH
tCLKL
RCLK
REN
tENS
tSKEW2
(1)
Full - 8 words in FIFO
Full - 7 words in FIFO
(2)
tAF
tAF
tENH
2680 drw10


Similar Part No. - IDT72220L10TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72220L12TC IDT-IDT72220L12TC Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72220L12TCB IDT-IDT72220L12TCB Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72220L12TP IDT-IDT72220L12TP Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72220L12TPB IDT-IDT72220L12TPB Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72220L15TC IDT-IDT72220L15TC Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
More results

Similar Description - IDT72220L10TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com