Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72210L25TPG Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72210L25TPG
Description  CMOS SyncFIFO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72210L25TPG Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72210L25TPG Datasheet HTML 3Page - Integrated Device Technology IDT72210L25TPG Datasheet HTML 4Page - Integrated Device Technology IDT72210L25TPG Datasheet HTML 5Page - Integrated Device Technology IDT72210L25TPG Datasheet HTML 6Page - Integrated Device Technology IDT72210L25TPG Datasheet HTML 7Page - Integrated Device Technology IDT72210L25TPG Datasheet HTML 8Page - Integrated Device Technology IDT72210L25TPG Datasheet HTML 9Page - Integrated Device Technology IDT72210L25TPG Datasheet HTML 10Page - Integrated Device Technology IDT72210L25TPG Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-360-1753
San Jose, CA 95138
fax: 408-284-2775
email:FIFOhelp@idt.com
www.idt.com
DEPTH EXPANSION
The IDT72420/72200/72210/72220/72230/72240 can be adapted to
applications when the requirements are for greater than 64/256/512/1,024/
2,048/4,096 words. Depth expansion is possible by using expansion logic to
direct the flow of data. A typical application would have the expansion logic
alternate data accesses from one device to the next in a sequential manner.
Please see the Application Note “DEPTH EXPANSION IDT'S
SYNCHRONOUS FIFOs USING RING COUNTER APPROACH” for details
ofthisconfiguration.
ORDERING INFORMATION
NOTES:
1. Industrial temperature range is available by special order.
2. Green parts are available. For specific speeds and packages contact your sales office.
IDT
XXXXX
DeviceType
X
Power
XX
Speed
XX
Package
X
Process /
Temperature
Range
Low Power
L
10
15
25
Commercial
BLANK
Commercial (0
°C to +70°C)
TP
Plastic Thin DIP (300 mil, P28-2)
Clock Cycle Time (tCLK)
Speed in Nanoseconds
72420
72200
72210
72220
72230
72240
64x 8 SyncFIFO
256 x 8 SyncFIFO
512 x 8 SyncFIFO
1,024 x 8 SyncFIFO
2,048 x 8 SyncFIFO
4,098 x 8 SyncFIFO
2680 drw14
X
G
Green
DATASHEET DOCUMENT HISTORY
10/03/2000
pgs. 1, 3, 4 and 11.
05/01/2001
pgs. 1, 2, 3, 4 and 11.
02/10/2006
pgs. 1 and 11.


Similar Part No. - IDT72210L25TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72210L25TP IDT-IDT72210L25TP Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72210L25TPB IDT-IDT72210L25TPB Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
More results

Similar Description - IDT72210L25TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com