Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50B6LB060 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PM50B6LB060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50B6LB060 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PM50B6LB060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50B6LB060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50B6LB060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50B6LB060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50B6LB060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50B6LB060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM50B6LB060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM50B6LB060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM50B6LB060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50B6LB060
FLAT-BASE TYPE
INSULATED PACKAGE
Oct. 2005
PRECAUTIONS FOR TESTING
1. Before appling any control supply voltage (VD), the input terminals should be pulled up by resistores, etc. to their corre-
sponding supply voltage and each input signal should be kept off state.
After this, the specified ON and OFF level setting for each input signal should be done.
2. When performing “SC” tests, the turn-off surge voltage spike at the corresponding protection operation should not be al-
lowed to rise above VCES rating of the device.
(These test should not be done by using a curve tracer or its equivalent.)
P, (U,V,W,B)
U,V, (N)
U,V,W,B, (N)
VD (all)
IN
Fo
IN
Fo
VD (all)
VCIN
(0V)
Ic
V
V
P, (U,V,W,B)
VCIN
(15V)
Ic
Fig. 7 Dead Time Measurement Point Example
Fig. 1 VCE(sat) Test
Fig. 2 VEC, (VFM) Test
0V
1.5V
1.5V
1.5V
2V
2V
2V
0V
t
t
tdead
tdead
tdead
1.5V: Input on threshold voltage Vth(on) typical value, 2V: Input off threshold voltage Vth(off) typical value
IPM’ input signal VCIN
(Upper Arm)
IPM’ input signal VCIN
(Lower Arm)
10%
90%
trr
Irr
tr
td(on)
tc(on)
tc(off)
td(off)
VCIN
Ic
VCE
10%
10%
10%
90%
tf
(ton= td(on) + tr)
(toff= td(off) + tf)
Fo
Fo
P
N
N
CS
CS
U,V,W,B
Vcc
Vcc
Ic
Ic
VD (all)
VD (all)
P
U,V
VCIN
VCIN
VCIN
(15V)
VCIN
(15V)
Fo
Fo
Fig. 3 Switching Time and SC Test Circuit
Fig. 4 Switching Time Test Waveform
a) Lower Arm Switching
Signal input
(Upper Arm)
Signal input
(Lower Arm)
Signal input
(Upper Arm)
Signal input
(Lower Arm)
b) Upper Arm Switching
VCIN
Fig. 5 ICES Test
Fig. 6 SC Test Waveform
SC Trip
Short Circuit Current
toff(SC)
VD (all)
U,V,W,B, (N)
P, (U,V,W,B)
A
Pulse
VCE
VCIN
(15V)
Ic
Fo
IN
Fo
Constant Current


Similar Part No. - PM50B6LB060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B6LB060 MITSUBISHI-PM50B6LB060 Datasheet
298Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50B6LB060 MITSUBISHI-PM50B6LB060_09 Datasheet
298Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50B6LB060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com